Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

592D106X9004R8W Datasheet(PDF) 19 Page - Vishay Siliconix

Part # 592D106X9004R8W
Description  Solid Tantalum Chip Capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D106X9004R8W Datasheet(HTML) 19 Page - Vishay Siliconix

Back Button 592D106X9004R8W Datasheet HTML 14Page - Vishay Siliconix 592D106X9004R8W Datasheet HTML 15Page - Vishay Siliconix 592D106X9004R8W Datasheet HTML 16Page - Vishay Siliconix 592D106X9004R8W Datasheet HTML 17Page - Vishay Siliconix 592D106X9004R8W Datasheet HTML 18Page - Vishay Siliconix 592D106X9004R8W Datasheet HTML 19Page - Vishay Siliconix 592D106X9004R8W Datasheet HTML 20Page - Vishay Siliconix 592D106X9004R8W Datasheet HTML 21Page - Vishay Siliconix 592D106X9004R8W Datasheet HTML 22Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Conformal Coated Guide
www.vishay.com
Vishay Sprague
Revision: 02-May-13
10
Document Number: 40150
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED REFLOW PROFILES
Capacitors should withstand Reflow profile as per J-STD-020 standard
PROFILE FEATURE
SnPb EUTECTIC ASSEMBLY
LEAD (Pb)-FREE ASSEMBLY
Preheat/soak
Temperature min. (Ts min.)
100 °C
150 °C
Temperature max. (Ts max.)
150 °C
200 °C
Time (ts) from (Ts min. to Ts max.)
60 s to 120 s
60 s to 120 s
Ramp-up
Ramp-up rate (TL to Tp)
3 °C/s max.
3 °C/s max.
Liquidous temperature (TL)
183 °C
217 °C
Time (tL) maintained above TL
60 s to 150 s
60 s to 150 s
Peak package body temperature (Tp)
Depends on type and case – see table below
Time (tp)* within 5 °C of the specified
classification temperature (Tc)
20 s
30 s
Ramp-down
Ramp-down rate (Tp to TL)
6 °C/s max.
6 °C/s max.
Time 25 °C to peak temperature
6 min max.
8 min max.
25
TIME (s)
t
s
t
L
Time 25 °C to peak
T
L
T
p
T
c = 5 °C
t
p
T
s max.
T
s min.
Preheat area
Max. ramp-up rate = 3 °C/s
Max. ramp-down rate = 6 °C/s
PEAK PACKAGE BODY TEMPERATURE (Tp)
TYPE/CASE CODE
PEAK PACKAGE BODY TEMPERATURE (Tp)
SnPb EUTECTIC PROCESS
LEAD (Pb)-FREE PROCESS
591D/592D - all cases, except X25H, M and R cases
235 °C
260 °C
591D/592D - X25H, M and R cases
220 °C
250 °C
594D/595D - all cases except C, D and R
235 °C
260 °C
594D/595D - C, D and R case
220 °C
250 °C
572D all cases
n/a
260 °C
T95 B, S, V, X, Y cases
235 °C
260 °C
T95 C, D, R and Z cases
220 °C
250 °C
T96 R case
220 °C
250 °C
195D all cases, except G, H, R and Z
235 °C
260 °C
195D G, H, R and Z cases
220 °C
250 °C
695D all cases, except G and H cases
235 °C
260 °C
695D G, H cases
220 °C
250 °C
597D, T97, T98 all cases, except V case
220 °C
250 °C
597D, T97, T98 V case
230 °C
260 °C
194D all cases, except H and G cases
235 °C
260 °C
194D H and G cases
220 °C
250 °C


Similar Part No. - 592D106X9004R8W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D106X9010B2T VISHAY-592D106X9010B2T Datasheet
201Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision 20-Oct-04
592D106X9010B2T15H VISHAY-592D106X9010B2T15H Datasheet
133Kb / 9P
   Solid Tantalum Chip Capacitors
Revision: 22-Jan-08
592D106X9010B2T15H VISHAY-592D106X9010B2T15H Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
592D106X9010B2W VISHAY-592D106X9010B2W Datasheet
201Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision 20-Oct-04
592D106X9010B2W15H VISHAY-592D106X9010B2W15H Datasheet
133Kb / 9P
   Solid Tantalum Chip Capacitors
Revision: 22-Jan-08
More results

Similar Description - 592D106X9004R8W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com