Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

592D106X0004R8T Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 592D106X0004R8T
Description  Solid Tantalum Chip Capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D106X0004R8T Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 592D106X0004R8T Datasheet HTML 5Page - Vishay Siliconix 592D106X0004R8T Datasheet HTML 6Page - Vishay Siliconix 592D106X0004R8T Datasheet HTML 7Page - Vishay Siliconix 592D106X0004R8T Datasheet HTML 8Page - Vishay Siliconix 592D106X0004R8T Datasheet HTML 9Page - Vishay Siliconix 592D106X0004R8T Datasheet HTML 10Page - Vishay Siliconix 592D106X0004R8T Datasheet HTML 11Page - Vishay Siliconix 592D106X0004R8T Datasheet HTML 12Page - Vishay Siliconix 592D106X0004R8T Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Typical Performance Characteristics
www.vishay.com
Vishay Sprague
Revision: 27-Feb-13
23
Document Number: 40088
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITOR ENVIRONMENTAL CHARACTERISTICS
ITEM
CONDITION
ENVIRONMENTAL CHARACTERISTICS
Humidity tests
At 40 °C/90 % RH 1000 h, no voltage applied.
Capacitance change
Cap.
 600 μF
Cap. > 600 μF
Dissipation factor
Within ± 10 % of initial value
Within ± 20 % of initial value
Not to exceed 150 % of initial
+ 25 °C requirement
Temperature cycles
At - 55 °C/+ 125 °C, 30 min each, for 5 cycles.
Capacitance change
Cap.
 600 μF
Cap. > 600 μF
Dissipation factor
Leakage current
Within ± 10 % of initial value
Within ± 20 % of initial value
Initial specified value or less
Initial specified value or less
Moisture resistance
MIL-STD-202, method 106 at rated voltage,
42 cycles.
Capacitance change
Cap.
 600 μF
Cap. > 600 μF
Dissipation factor
Leakage current
Within ± 10 % of initial value
Within ± 20 % of initial value
Initial specified value or less
Initial specified value or less
Thermal shock
Capacitors are subjected to 5 cycles of the
following:
- 55 °C (+ 0 °C, - 5 °C) for 30 min, then
+ 25 °C (+ 10 °C, - 5 °C) for 5 min, then
+ 125 °C (+ 3 °C, - 0 °C) for 30 min, then
+ 25 °C (+ 10 °C, - 5 °C) for 5 min
Capacitance change
Cap.
 600 μF
Cap. > 600 μF
Dissipation factor
Leakage current
Within ± 10 % of initial value
Within ± 20 % of initial value
Initial specified value or less
Initial specified value or less
MECHANICAL PERFORMANCE CHARACTERISTICS
TEST CONDITION
CONDITION
POST TEST PERFORMANCE
Shear test
Apply a pressure load of 5 N for 10 s ± 1 s
horizontally to the center of capacitor side body.
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
There shall be no mechanical or visual damage to
capacitors post-conditioning.
Substrate bend
With parts soldered onto substrate test board,
apply force to the test board for a deflection
of 3 mm, for a total of 3 bends at a rate of 1 mm/s.
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
Vibration
MIL-STD-202, method 204, condition D, 10 Hz to
2000 Hz, 20 g peak
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
There shall be no mechanical or visual damage to
capacitors post-conditioning.
Shock
MIL-STD-202, method 213B shock (specified
pulse), condition I, 100 g peak
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
There shall be no mechanical or visual damage to
capacitors post-conditioning.
Resistance to solder heat
• Recommended reflow profiles temperatures
and durations are located within the Capacitor
Series Guides
• Pb-free and lead-bearing series caps are
backward and forward compatible
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
There shall be no mechanical or visual damage to
capacitors post-conditioning.
Solderability
MIL-STD-2002, method 208, ANSI/J-STD-002,
test B. Applies only to solder and tin plated
terminations.
Does not apply to gold terminations.
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
There shall be no mechanical or visual damage to
capacitors post-conditioning.
Resistance to solvents
MIL-STD-202, method 215
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
There shall be no mechanical or visual damage to
capacitors post-conditioning.
Flammability
Encapsulent materials meet UL 94 V-0 with an
oxygen index of 32 %.


Similar Part No. - 592D106X0004R8T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D106X0010B2T VISHAY-592D106X0010B2T Datasheet
201Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision 20-Oct-04
592D106X0010B2T15H VISHAY-592D106X0010B2T15H Datasheet
133Kb / 9P
   Solid Tantalum Chip Capacitors
Revision: 22-Jan-08
592D106X0010B2T15H VISHAY-592D106X0010B2T15H Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
592D106X0010B2W VISHAY-592D106X0010B2W Datasheet
201Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision 20-Oct-04
592D106X0010B2W15H VISHAY-592D106X0010B2W15H Datasheet
133Kb / 9P
   Solid Tantalum Chip Capacitors
Revision: 22-Jan-08
More results

Similar Description - 592D106X0004R8T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com