Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DW025CC-M Datasheet(PDF) 13 Page - General Semiconductor

Part # DW025CC-M
Description  DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

DW025CC-M Datasheet(HTML) 13 Page - General Semiconductor

Back Button DW025CC-M Datasheet HTML 9Page - General Semiconductor DW025CC-M Datasheet HTML 10Page - General Semiconductor DW025CC-M Datasheet HTML 11Page - General Semiconductor DW025CC-M Datasheet HTML 12Page - General Semiconductor DW025CC-M Datasheet HTML 13Page - General Semiconductor DW025CC-M Datasheet HTML 14Page - General Semiconductor DW025CC-M Datasheet HTML 15Page - General Semiconductor DW025CC-M Datasheet HTML 16Page - General Semiconductor DW025CC-M Datasheet HTML 17Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Lineage Power
13
Data Sheet
April 2008
36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025 Dual Output-Series Power Modules: dc-dc Converters;
Thermal Considerations (continued)
Basic Thermal Performance
The DW025-Series Dual Output Power Modules have a
separate power stage for each of the outputs. This
means that the maximum operating temperature can
be predicted quite closely by treating each output indi-
vidually and then summing the results. Figures 16
through 21 are used to predict the safe operating con-
dition for many different operating and environmental
conditions.
The method used to determine the maximum ambient
temperature at a given air velocity is a four-step pro-
cess.
1. Find the power dissipated for output 1 by using the
appropriate chart (Figures 16 through 19) for a par-
ticular output condition (IO1).
2. Repeat step 1 for output 2 using Figures 16 through
19.
3. Find the total power dissipated by summing the
power dissipated on each of the outputs:
(PDOUT1 + PDOUT2) = PDtotal
4. Use the total power dissipated with Figure 20 to
determine the maximum ambient temperature at dif-
ferent air velocities.
For example, the DW025AF-M power module operating
at full load on both outputs with 54 V input has a power
dissipation of 3.6 W (from Figure 17) plus 3.1 W (from
Figure 16) for a total of 6.7 W. Using Figure 20, it can
be determined that the maximum ambient temperature
at natural convection that the DW025AF-M can operate
at is approximately 56 °C.
Keep in mind that these are approximations of the tem-
peratures and airflows required to keep the case tem-
perature below its maximum rating. The maximum case
temperature at the point shown in Figure 15 must be
kept at 100 °C or less.
Air Velocity
The air velocity required to maintain a desired maxi-
mum case temperature for a given power dissipation
and ambient temperature can be calculated using
Figure 21 and the following equation:
θCA =
where
θCA is the thermal resistance from case-to-ambi-
ent air (°C/W), TC, max is the desired maximum case
temperature (°C), TA is the ambient inlet temperature
(°C), and PDtotal is the total power dissipated from the
module (W).
For example, to maintain a maximum case temperature
of 85 °C with an ambient inlet temperature of 55 °C and
a power dissipation of 6.7 W, the thermal resistance is:
θCA
= 4.5 °C/W
This corresponds to an air velocity greater than
0.46 ms–1 (90 fpm) in Figure 21.
TC max
,
TA
PDtotal
--------------------------------
85 °C
55 °C
6.7 W
------------------------------------


Similar Part No. - DW025CC-M

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
DW025ABK-M LINEAGEPOWER-DW025ABK-M Datasheet
692Kb / 20P
   DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
DW025ACL-M LINEAGEPOWER-DW025ACL-M Datasheet
692Kb / 20P
   DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
More results

Similar Description - DW025CC-M

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
DW025ABK-M LINEAGEPOWER-DW025ABK-M Datasheet
692Kb / 20P
   DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
JHW050FG LINEAGEPOWER-JHW050FG Datasheet
490Kb / 17P
   JHW050 Dual Positive Output-Series Power Modules dc-dc Converter: 36 Vdc to 75 Vdc Input, Dual Positive Outputs 50W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
logo
Bel Fuse Inc.
0RXU-75TD10 BEL-0RXU-75TD10 Datasheet
292Kb / 8P
   ISOLATED DC/DC CONVERTERS 36 Vdc - 75 Vdc Input 12 Vdc/5 A, -12 Vdc/1.5 A Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com