Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DW025AF-M Datasheet(PDF) 7 Page - General Semiconductor

Part # DW025AF-M
Description  DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

DW025AF-M Datasheet(HTML) 7 Page - General Semiconductor

Back Button DW025AF-M Datasheet HTML 3Page - General Semiconductor DW025AF-M Datasheet HTML 4Page - General Semiconductor DW025AF-M Datasheet HTML 5Page - General Semiconductor DW025AF-M Datasheet HTML 6Page - General Semiconductor DW025AF-M Datasheet HTML 7Page - General Semiconductor DW025AF-M Datasheet HTML 8Page - General Semiconductor DW025AF-M Datasheet HTML 9Page - General Semiconductor DW025AF-M Datasheet HTML 10Page - General Semiconductor DW025AF-M Datasheet HTML 11Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Lineage Power
7
Data Sheet
April 2008
36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025 Dual Output-Series Power Modules: dc-dc Converters;
Characteristic Curves
8-993(C).a
Figure 1. DW025-Series Input Current and Normal-
ized Output Voltage vs. Input Voltage at
Full Load and TA = 25 °C
8-994(C)
Figure 2. DW025-Series Normalized Output Current
vs. Normalized Output Voltage at
VI = 48 V and TA = 25 °C
8-995(C)
Figure 3. DW025-Series Efficiency vs. Normalized
Both Output Currents to Full Load at
VI = 48 V and TA = 25 °C
8-1019(C)
Figure 4. DW025-Series Typical 5 V Output Voltage
Response to a Step Load Change from
50% to 25% of IO, max at VI = VI, nom and
TA = 25 °C
Characteristic Curves (continued)
0
10
20304050
70
0
0.2
0.4
0.6
0.8
1.0
1.2
INPUT VOLTAGE, VI (V)
0.8
0.6
0.4
0.2
0.0
1.0
1.2
VO
60
II
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.2
0.4
0.6
0.8
1.2
NORMALIZED OUTPUT CURRENT TO FULL LOAD, IO (A)
1.0
VO = 3.3 V
5 V
12 V
15 V
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1.0
45
50
55
60
65
85
NORMALIZED BOTH OUTPUT CURRENTS TO
FULL LOAD, IO (A)
0.9
70
75
80
CC,CL
BB,BK
AA,AJ
AF
0.5 A
0.5 ms
50 mV
1.0 A
0.5 A
TIME, t (0.5 ms/div)
5.0 V
∆IO
∆t = 1 A/10 µs


Similar Part No. - DW025AF-M

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
DW025ABK-M LINEAGEPOWER-DW025ABK-M Datasheet
692Kb / 20P
   DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
DW025ACL-M LINEAGEPOWER-DW025ACL-M Datasheet
692Kb / 20P
   DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
More results

Similar Description - DW025AF-M

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
DW025ABK-M LINEAGEPOWER-DW025ABK-M Datasheet
692Kb / 20P
   DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
JHW050FG LINEAGEPOWER-JHW050FG Datasheet
490Kb / 17P
   JHW050 Dual Positive Output-Series Power Modules dc-dc Converter: 36 Vdc to 75 Vdc Input, Dual Positive Outputs 50W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
logo
Bel Fuse Inc.
0RXU-75TD10 BEL-0RXU-75TD10 Datasheet
292Kb / 8P
   ISOLATED DC/DC CONVERTERS 36 Vdc - 75 Vdc Input 12 Vdc/5 A, -12 Vdc/1.5 A Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com