Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9306L2-AX Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS9306L2-AX
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9306L2-AX Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS9306L2-AX Datasheet HTML 4Page - California Eastern Labs PS9306L2-AX Datasheet HTML 5Page - California Eastern Labs PS9306L2-AX Datasheet HTML 6Page - California Eastern Labs PS9306L2-AX Datasheet HTML 7Page - California Eastern Labs PS9306L2-AX Datasheet HTML 8Page - California Eastern Labs PS9306L2-AX Datasheet HTML 9Page - California Eastern Labs PS9306L2-AX Datasheet HTML 10Page - California Eastern Labs PS9306L2-AX Datasheet HTML 11Page - California Eastern Labs PS9306L2-AX Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PS9306L,PS9306L2
Chapter Title
9
1
f
o
8
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
7
1
0
0
S
D
8
0
R
Nov 10, 2011
TEST CIRCUIT
IF =
VCC =
0.1 F
μ
4 V
IOH
8 to 12 mA
10 to 30 V
VO > 5 V
IF
SHIELD
6
1
2
3
5
4
VCC =
0.1 F
μ
10 to 30 V
SHIELD
6
1
2
3
5
4
IF =
VCC =
0.1 F
μ
100 mA
VOH
8 to 12 mA
10 to 30 V
SHIELD
6
1
2
3
5
4
100 mA
VCC =
0.1 F
μ
2.5 V
10 to 30 V
SHIELD
6
1
2
3
5
4
IOL
VCC =
0.1 F
μ
10 to 30 V
SHIELD
6
1
2
3
5
4
VOL
Fig. 1 IOH Test Circuit
Fig. 3 VOH Test Circuit
Fig. 5 IFLH
I
6
.
g
i
F
ti
u
c
ri
C
t
s
e
T
CCH
/ICCL Test Circuit
Fig. 4 VOL Test Circuit
Fig. 2 IOL Test Circuit
VCC =
0.1 F
μ
ICCL: IF = 0 mA
ICCH: IF = 10 mA
10 to 30 V
SHIELD
6
1
2
3
5
4
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9306L2-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9306L2-E3 RENESAS-PS9306L2-E3 Datasheet
330Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L2-E3 RENESAS-PS9306L2-E3 Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L2-V RENESAS-PS9306L2-V Datasheet
330Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L2-V RENESAS-PS9306L2-V Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L2-V-E3 RENESAS-PS9306L2-V-E3 Datasheet
330Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9306L2-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9306L RENESAS-PS9306L_15 Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307AL RENESAS-PS9307AL Datasheet
249Kb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
Dec 16, 2021
PS9306L_15 RENESAS-PS9306L_15_15 Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9307AL CEL-PS9307AL Datasheet
2Mb / 12P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L CEL-PS9307L Datasheet
1Mb / 6P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9307AL RENESAS-PS9307AL_15 Datasheet
372Kb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L RENESAS-PS9306L Datasheet
330Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L RENESAS-PS9307L Datasheet
288Kb / 14P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L RENESAS-PS9307L_15 Datasheet
281Kb / 14P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9308L CEL-PS9308L Datasheet
992Kb / 22P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com