Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2805C-1-V-F3 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS2805C-1-V-F3
Description  HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2805C-1-V-F3 Datasheet(HTML) 1 Page - California Eastern Labs

  PS2805C-1-V-F3 Datasheet HTML 1Page - California Eastern Labs PS2805C-1-V-F3 Datasheet HTML 2Page - California Eastern Labs PS2805C-1-V-F3 Datasheet HTML 3Page - California Eastern Labs PS2805C-1-V-F3 Datasheet HTML 4Page - California Eastern Labs PS2805C-1-V-F3 Datasheet HTML 5Page - California Eastern Labs PS2805C-1-V-F3 Datasheet HTML 6Page - California Eastern Labs PS2805C-1-V-F3 Datasheet HTML 7Page - California Eastern Labs PS2805C-1-V-F3 Datasheet HTML 8Page - California Eastern Labs PS2805C-1-V-F3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2
1
f
o
1
e
g
a
P
0
0
.
3
.v
e
R
0
0
3
0
J
E
4
7
0
0
S
D
8
0
R
Jan 9, 2013
PS2805C-1
PS2805C-4
PIN CONNECTION
(Top View)
1. Anode, Cathode
2. Cathode, Anode
3. Emitter
4. Collector
4 3
1 2
1 2 3 4 5 6 7 8
16151413121110 9
Anode, Cathode
Cathode, Anode
Emitter
Collector
1. 3. 5. 7.
2. 4. 6. 8.
9. 11. 13. 15.
10. 12. 14. 16.
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
t
e
e
h
S
a
t
a
D
PS2805C-1, PS2805C-4
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
DESCRIPTION
The PS2805C-1 and PS2805C-4 are optically coupled isolators containing a GaAs light emitting diode and an NPN
silicon phototransistor in a plastic SSOP for high density applications to realize an excellent cost performance.
This package has shield effect to cut off ambient light.
FEATURES
High isolation voltage (BV = 2 500 Vr.m.s.)
Small and thin package (4, 16-pin SSOP, Pin pitch 1.27 mm)
High collector to emitter voltage (VCEO : 80 V)
AC input response
Ordering number of tape product: PS2805C-1-F3, PS2805C-4-F3
Pb-Free product
Safety standards
UL approved: No. E72422
CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
BSI approved (BS EN 60065, BS EN 60950) (PS2805C-1 only)
DIN EN 60747-5-5 (VDE 0884-5) approved (Option)
APPLICATIONS
Programmable logic controllers
OA equipment
Measuring instruments
Hybrid IC
R08DS0074EJ0300
Rev.3.00
Jan 9, 2013
<R>
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS2805C-1-V-F3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2805C-1-V-F3 ETC2-PS2805C-1-V-F3 Datasheet
381Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1-V-F3 RENESAS-PS2805C-1-V-F3 Datasheet
198Kb / 14P
   PS2805-1_15v
More results

Similar Description - PS2805C-1-V-F3

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS2805 COSMO-KPS2805_12 Datasheet
198Kb / 6P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805A-1 RENESAS-PS2805A-1_15 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2805A-1 CEL-PS2805A-1 Datasheet
367Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
PS2805-1 RENESAS-PS2805-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
July 26, 2019
logo
California Eastern Labs
PS2805-4 CEL-PS2805-4 Datasheet
245Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2805C-1-A ETC2-PS2805C-1-A Datasheet
381Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2832 COSMO-KPS2832_12 Datasheet
196Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com