Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2805C-1-F3-A Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS2805C-1-F3-A
Description  HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2805C-1-F3-A Datasheet(HTML) 3 Page - California Eastern Labs

  PS2805C-1-F3-A Datasheet HTML 1Page - California Eastern Labs PS2805C-1-F3-A Datasheet HTML 2Page - California Eastern Labs PS2805C-1-F3-A Datasheet HTML 3Page - California Eastern Labs PS2805C-1-F3-A Datasheet HTML 4Page - California Eastern Labs PS2805C-1-F3-A Datasheet HTML 5Page - California Eastern Labs PS2805C-1-F3-A Datasheet HTML 6Page - California Eastern Labs PS2805C-1-F3-A Datasheet HTML 7Page - California Eastern Labs PS2805C-1-F3-A Datasheet HTML 8Page - California Eastern Labs PS2805C-1-F3-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PS2805C-1, PS2805C-4e
R08DS0074EJ0300 Rev.3.00
Page 3 of 12
Jan 9, 2013
MARKING EXAMPLE
PS2805C-1
Made in Taiwan
Made in Japan
"
" (Square)
:Made in Japan
Week Assembled
Year Assembled (Last 1 digit)
Last 2 numbers of type
No. : 5C
Assembly Lot
301
R5C
301
R5C
301
Company initial
PS2805C-4
Country Assembled
Assembly Lot
No. 1 pin
Mark
PS2805C-4
PS2805C-4
NL301
R
3 01
Year Assembled
(Last 1 Digit)
L
N
Rank Code
In-house Code
(L: Pb-Free)
Week Assembled
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS2805C-1-F3-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2805C-1-F3 ETC2-PS2805C-1-F3 Datasheet
381Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1-F3 RENESAS-PS2805C-1-F3 Datasheet
198Kb / 14P
   PS2805-1_15v
More results

Similar Description - PS2805C-1-F3-A

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS2805 COSMO-KPS2805_12 Datasheet
198Kb / 6P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805A-1 RENESAS-PS2805A-1_15 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2805A-1 CEL-PS2805A-1 Datasheet
367Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
PS2805-1 RENESAS-PS2805-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
July 26, 2019
logo
California Eastern Labs
PS2805-4 CEL-PS2805-4 Datasheet
245Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2805C-1-A ETC2-PS2805C-1-A Datasheet
381Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2832 COSMO-KPS2832_12 Datasheet
196Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com