Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT84GR7AMR4A-G7 Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # HMT84GR7AMR4A-G7
Description  DDR3L SDRAM Registered DIMM Based on 4Gb A-die
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT84GR7AMR4A-G7 Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button HMT84GR7AMR4A-G7 Datasheet HTML 12Page - Hynix Semiconductor HMT84GR7AMR4A-G7 Datasheet HTML 13Page - Hynix Semiconductor HMT84GR7AMR4A-G7 Datasheet HTML 14Page - Hynix Semiconductor HMT84GR7AMR4A-G7 Datasheet HTML 15Page - Hynix Semiconductor HMT84GR7AMR4A-G7 Datasheet HTML 16Page - Hynix Semiconductor HMT84GR7AMR4A-G7 Datasheet HTML 17Page - Hynix Semiconductor HMT84GR7AMR4A-G7 Datasheet HTML 18Page - Hynix Semiconductor HMT84GR7AMR4A-G7 Datasheet HTML 19Page - Hynix Semiconductor HMT84GR7AMR4A-G7 Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
Rev. 0.1 / Jul. 2012
16
8GB, 1Gx72(2Rank of x8) - page2
S0
S1
BA[N:0]
A[N:0]
RAS
CAS
WE
CKE0
ODT0
CK0
CK0
PAR_IN
RS0A → CS0: SDRAMs D[3:0], D8
RS0B → CS0: SDRAMs D[7:4]
RS1A → CS1: SDRAMs D[12:9], D17
RRASB → RAS: SDRAMs D[7:4], D[16:13]
RS1B → CS1: SDRAMs D[16:13]
RBA[N:0]B → BA[N:0]: SDRAMs D[7:4], D[16:13]
RBA[N:0]A → BA[N:0]: SDRAMs D[3:0], D[12:8], D17
RRASA → RAS: SDRAMs D[3:0], D[12:8], D17
RCASB → CAS: SDRAMs D[7:4], D[16:13]
RCASA → CAS: SDRAMs D[3:0], D[12:8], D17
RWEB → WE: SDRAMs D[7:4], D[16:13]
RWEA → WE: SDRAMs D[3:0], D[12:8], D17
RCKE0B → CKE0: SDRAMs D[7:4]
RCKE0A → CKE0: SDRAMs D[3:0], D8
RODT0B → ODT0: SDRAMs D[7:4]
RODT0A → ODT0: SDRAMs D[3:0], D8
PCK0B → CK: SDRAMs D[7:4]
PCK0A → CK: SDRAMs D[3:0], D8
PCK0B → CK: SDRAMs D[7:4]
PCK0A → CK: SDRAMs D[3:0], D8
Err_Out
OERR
RESET
RST
RST: SDRAMs D[17:0]
1:2
R
E
G
I
S
T
E
R
/
P
RCKE1B → CKE1: SDRAMs D[16:13]
RCKE1A → CKE1: SDRAMs D[12:9], D17
ODT1
RODT1A → ODT1: SDRAMs D[16:13]
RODT1A → ODT1: SDRAMs D[12:9], D17
CKE1
RA[N:0]B → A[N:0]: SDRAMs D[7:4], D[16:13]
RA[N:0]A → A[N:0]: SDRAMs D[3:0], D[12:8], D17
PCK1B → CK: SDRAMs D[16:13]
PCK1A → CK: SDRAMs D[12:9], D17
PCK1B → CK: SDRAMs D[16:13]
PCK1A → CK: SDRAMs D[12:9], D17
L
L
* S[3:2], CK1 and CK1 are NC
S[3:2] NC
120Ω
±5%
CK1
CK1
120 Ω
±5%


Similar Part No. - HMT84GR7AMR4A-G7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT84GR7AMR4C HYNIX-HMT84GR7AMR4C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT84GR7AMR4C-G7 HYNIX-HMT84GR7AMR4C-G7 Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT84GR7AMR4C-H9 HYNIX-HMT84GR7AMR4C-H9 Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT84GR7AMR4C-PB HYNIX-HMT84GR7AMR4C-PB Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
More results

Similar Description - HMT84GR7AMR4A-G7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT451V7AFR8A HYNIX-HMT451V7AFR8A Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT451R7MFR8A HYNIX-HMT451R7MFR8A Datasheet
1Mb / 71P
   DDR3L SDRAM Registered DIMM Based on 4Gb M-die
HMT451V7MFR8A HYNIX-HMT451V7MFR8A Datasheet
1Mb / 67P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb M-die
HMA451R7AFR8N HYNIX-HMA451R7AFR8N Datasheet
1Mb / 79P
   DDR4 SDRAM Registered DIMM Based on 4Gb A-die
HMT451R7AFR8C HYNIX-HMT451R7AFR8C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT451V7AFR8C HYNIX-HMT451V7AFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT325R7CFR8A HYNIX-HMT325R7CFR8A Datasheet
1Mb / 76P
   DDR3L SDRAM Registered DIMM Based on 2Gb C-die
HMT325R7EFR8A HYNIX-HMT325R7EFR8A Datasheet
1Mb / 70P
   DDR3L SDRAM Registered DIMM Based on 2Gb E-die
HMT84GL7MMR4A HYNIX-HMT84GL7MMR4A Datasheet
541Kb / 34P
   DDR3L SDRAM Load Reduced DIMM Based on 4Gb M-die
HMT425S6AFR6A HYNIX-HMT425S6AFR6A Datasheet
1Mb / 56P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb A-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com