Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT41GR7AFR4A-PB Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HMT41GR7AFR4A-PB
Description  DDR3L SDRAM Registered DIMM Based on 4Gb A-die
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT41GR7AFR4A-PB Datasheet(HTML) 3 Page - Hynix Semiconductor

  HMT41GR7AFR4A-PB Datasheet HTML 1Page - Hynix Semiconductor HMT41GR7AFR4A-PB Datasheet HTML 2Page - Hynix Semiconductor HMT41GR7AFR4A-PB Datasheet HTML 3Page - Hynix Semiconductor HMT41GR7AFR4A-PB Datasheet HTML 4Page - Hynix Semiconductor HMT41GR7AFR4A-PB Datasheet HTML 5Page - Hynix Semiconductor HMT41GR7AFR4A-PB Datasheet HTML 6Page - Hynix Semiconductor HMT41GR7AFR4A-PB Datasheet HTML 7Page - Hynix Semiconductor HMT41GR7AFR4A-PB Datasheet HTML 8Page - Hynix Semiconductor HMT41GR7AFR4A-PB Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
Rev. 0.1 / Jul. 2012
3
Description
Registered DDR3L SDRAM DIMMs (Registered Double Data Rate Synchronous DRAM Dual In-Line Memory
Modules) are low power, high-speed operation memory modules that use DDR3L SDRAM devices. These
Registered SDRAM DIMMs are intended for use as main memory when installed in systems such as servers
and workstations.
Features
• Power Supply: VDD=1.35V (1.283V to 1.45V)
• VDDQ = 1.35V (1.283V to 1.45V)
• VDDSPD=3.0V to 3.6V
• Functionality and operations comply with the DDR3L SDRAM datasheet
• 8 internal banks
• Data transfer rates: PC3-14900, PC3-12800, PC3-10600, PC3-8500
• Bi-Directional Differential Data Strobe
• 8 bit pre-fetch
• Burst Length (BL) switch on-the-fly BL8 or BC4(Burst Chop)
• Supports ECC error correction and detection
• On-Die Termination (ODT)
• Temperature sensor with integrated SPD
• Backward compatible with 1.5V DDR3 Memory module.
• This product is in compliance with the RoHS directive.
Ordering Information
* In order to uninstall FDHS, please contact sales administrator
Part Number
Density Organization
Component Composition
# of
ranks
FDHS
HMT451R7AFR8A-H9/PB/RD
4GB
512Mx72
512Mx8(H5TC4G83AFR)*9
1
X
HMT41GR7AFR8A-H9/PB/RD
8GB
1Gx72
512Mx8(H5TC4G83AFR)*18
2
X
HMT41GR7AFR4A-H9/PB/RD
8GB
1Gx72
1Gx4(H5TC4G43AFR)*18
1
X
HMT42GR7AFR4A-H9/PB/RD
16GB
2Gx72
1Gx4(H5TC4G43AFR)*36
2
O
HMT84GR7AMR4A-G7/H9/PB
32GB
4Gx72
DDP 2Gx4(H5TC8G43AMR)*36
4
O


Similar Part No. - HMT41GR7AFR4A-PB

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT41GR7AFR4C HYNIX-HMT41GR7AFR4C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT41GR7AFR4C-H9 HYNIX-HMT41GR7AFR4C-H9 Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT41GR7AFR4C-PB HYNIX-HMT41GR7AFR4C-PB Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT41GR7AFR4C-RD HYNIX-HMT41GR7AFR4C-RD Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
More results

Similar Description - HMT41GR7AFR4A-PB

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT451V7AFR8A HYNIX-HMT451V7AFR8A Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT451R7MFR8A HYNIX-HMT451R7MFR8A Datasheet
1Mb / 71P
   DDR3L SDRAM Registered DIMM Based on 4Gb M-die
HMT451V7MFR8A HYNIX-HMT451V7MFR8A Datasheet
1Mb / 67P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb M-die
HMA451R7AFR8N HYNIX-HMA451R7AFR8N Datasheet
1Mb / 79P
   DDR4 SDRAM Registered DIMM Based on 4Gb A-die
HMT451R7AFR8C HYNIX-HMT451R7AFR8C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT451V7AFR8C HYNIX-HMT451V7AFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT325R7CFR8A HYNIX-HMT325R7CFR8A Datasheet
1Mb / 76P
   DDR3L SDRAM Registered DIMM Based on 2Gb C-die
HMT325R7EFR8A HYNIX-HMT325R7EFR8A Datasheet
1Mb / 70P
   DDR3L SDRAM Registered DIMM Based on 2Gb E-die
HMT84GL7MMR4A HYNIX-HMT84GL7MMR4A Datasheet
541Kb / 34P
   DDR3L SDRAM Load Reduced DIMM Based on 4Gb M-die
HMT425S6AFR6A HYNIX-HMT425S6AFR6A Datasheet
1Mb / 56P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb A-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com