Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT41GR7AFR8C-RD Datasheet(PDF) 55 Page - Hynix Semiconductor

Part # HMT41GR7AFR8C-RD
Description  DDR3 SDRAM Registered DIMM Based on 4Gb A-die
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT41GR7AFR8C-RD Datasheet(HTML) 55 Page - Hynix Semiconductor

Back Button HMT41GR7AFR8C-RD Datasheet HTML 51Page - Hynix Semiconductor HMT41GR7AFR8C-RD Datasheet HTML 52Page - Hynix Semiconductor HMT41GR7AFR8C-RD Datasheet HTML 53Page - Hynix Semiconductor HMT41GR7AFR8C-RD Datasheet HTML 54Page - Hynix Semiconductor HMT41GR7AFR8C-RD Datasheet HTML 55Page - Hynix Semiconductor HMT41GR7AFR8C-RD Datasheet HTML 56Page - Hynix Semiconductor HMT41GR7AFR8C-RD Datasheet HTML 57Page - Hynix Semiconductor HMT41GR7AFR8C-RD Datasheet HTML 58Page - Hynix Semiconductor HMT41GR7AFR8C-RD Datasheet HTML 59Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
Rev. 0.1 / Jul. 2012
55
a) Burst Length: BL8 fixed by MRS: set MR0 A[1,0]=00B
b) Output Buffer Enable: set MR1 A[12] = 0B; set MR1 A[5,1] = 01B; RTT_Nom enable: set MR1 A[9,6,2]
= 011B; RTT_Wr enable: set MR2 A[10,9] = 10B
c) Precharge Power Down Mode: set MR0 A12=0B for Slow Exit or MR0 A12 = 1B for Fast Exit
d) Auto Self-Refresh (ASR): set MR2 A6 = 0B to disable or 1B to enable feature
e) Self-Refresh Temperature Range (SRT): set MR2 A7 = 0B for normal or 1B for extended temperature
range
f) Read Burst Type: Nibble Sequential, set MR0 A[3] = 0B
IDD7
Operating Bank Interleave Read Current
CKE: High; External clock: On; tCK, nRC, nRAS, nRCD, NRRD, nFAW, CL: see Table 1; BL: 8a),f); AL: CL-1; CS:
High between ACT and RDA; Command, Address, Bank Address Inputs: partially toggling according to Table
10; Data IO: read data burst with different data between one burst and the next one according to Table 10;
DM: stable at 0; Bank Activity: two times interleaved cycling through banks (0, 1,...7) with different address-
ing, wee Table 10; Output Buffer and RTT: Enabled in Mode Registersb); ODT Signal: stable at 0; Pattern
Details: see Table 10.
Symbol
Description


Similar Part No. - HMT41GR7AFR8C-RD

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT41GR7AFR8A HYNIX-HMT41GR7AFR8A Datasheet
1Mb / 72P
   DDR3L SDRAM Registered DIMM Based on 4Gb A-die
HMT41GR7AFR8A-H9 HYNIX-HMT41GR7AFR8A-H9 Datasheet
1Mb / 72P
   DDR3L SDRAM Registered DIMM Based on 4Gb A-die
HMT41GR7AFR8A-PB HYNIX-HMT41GR7AFR8A-PB Datasheet
1Mb / 72P
   DDR3L SDRAM Registered DIMM Based on 4Gb A-die
HMT41GR7AFR8A-RD HYNIX-HMT41GR7AFR8A-RD Datasheet
1Mb / 72P
   DDR3L SDRAM Registered DIMM Based on 4Gb A-die
More results

Similar Description - HMT41GR7AFR8C-RD

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT451V7AFR8C HYNIX-HMT451V7AFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT451V7MFR8C HYNIX-HMT451V7MFR8C Datasheet
1Mb / 67P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb M-die
HMA451R7AFR8N HYNIX-HMA451R7AFR8N Datasheet
1Mb / 79P
   DDR4 SDRAM Registered DIMM Based on 4Gb A-die
HMT451R7AFR8A HYNIX-HMT451R7AFR8A Datasheet
1Mb / 72P
   DDR3L SDRAM Registered DIMM Based on 4Gb A-die
HMT451V7AFR8A HYNIX-HMT451V7AFR8A Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT451R7MFR8A HYNIX-HMT451R7MFR8A Datasheet
1Mb / 71P
   DDR3L SDRAM Registered DIMM Based on 4Gb M-die
HMTA8GL7AHR4A HYNIX-HMTA8GL7AHR4A Datasheet
555Kb / 35P
   DDR3(L) SDRAM Load Reduced DIMM Based on 4Gb A-die
HMT325R7CFR8C HYNIX-HMT325R7CFR8C Datasheet
1Mb / 76P
   DDR3 SDRAM Registered DIMM Based on 2Gb C-die
HMT84GL7AMR4A HYNIX-HMT84GL7AMR4A Datasheet
812Kb / 36P
   DDR3(L) SDRAM Load Reduced DIMM Based on 4Gb A-die
logo
Elpida Memory
EBJ42HE8BAFA ELPIDA-EBJ42HE8BAFA Datasheet
210Kb / 22P
   4GB Registered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com