Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT41GR7AFR8A-PB Datasheet(PDF) 68 Page - Hynix Semiconductor

Part # HMT41GR7AFR8A-PB
Description  DDR3L SDRAM Registered DIMM Based on 4Gb A-die
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT41GR7AFR8A-PB Datasheet(HTML) 68 Page - Hynix Semiconductor

Back Button HMT41GR7AFR8A-PB Datasheet HTML 64Page - Hynix Semiconductor HMT41GR7AFR8A-PB Datasheet HTML 65Page - Hynix Semiconductor HMT41GR7AFR8A-PB Datasheet HTML 66Page - Hynix Semiconductor HMT41GR7AFR8A-PB Datasheet HTML 67Page - Hynix Semiconductor HMT41GR7AFR8A-PB Datasheet HTML 68Page - Hynix Semiconductor HMT41GR7AFR8A-PB Datasheet HTML 69Page - Hynix Semiconductor HMT41GR7AFR8A-PB Datasheet HTML 70Page - Hynix Semiconductor HMT41GR7AFR8A-PB Datasheet HTML 71Page - Hynix Semiconductor HMT41GR7AFR8A-PB Datasheet HTML 72Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
Rev. 0.1 / Jul. 2012
68
1Gx72 - HMT41GR7AFR8A
5.175
Detail B
Detail C
2.10±0.15
47.00
71.00
2X3.00±0.10
Front
1
4X3.00±0.10
120
5.0
1
1
240
121
Back
133.35
128.95
SPD/TS
1.27±010mm
Side
max
3.43mm max
1.00
0.80± 0.05
Detail of Contacts B
1.50 ±0.10
Detail of Contacts C
0.3+0.1
5.00
2.50
3± 0.1
1.20± 0.15
Detail of Contacts A
Detail A
Note:
1.
tolerance on all dimensions unless otherwise stated.
0.13
Units: millimeters
2x R0.75 Max


Similar Part No. - HMT41GR7AFR8A-PB

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT41GR7AFR8C HYNIX-HMT41GR7AFR8C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT41GR7AFR8C-H9 HYNIX-HMT41GR7AFR8C-H9 Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT41GR7AFR8C-PB HYNIX-HMT41GR7AFR8C-PB Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT41GR7AFR8C-RD HYNIX-HMT41GR7AFR8C-RD Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
More results

Similar Description - HMT41GR7AFR8A-PB

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT451V7AFR8A HYNIX-HMT451V7AFR8A Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT451R7MFR8A HYNIX-HMT451R7MFR8A Datasheet
1Mb / 71P
   DDR3L SDRAM Registered DIMM Based on 4Gb M-die
HMT451V7MFR8A HYNIX-HMT451V7MFR8A Datasheet
1Mb / 67P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb M-die
HMA451R7AFR8N HYNIX-HMA451R7AFR8N Datasheet
1Mb / 79P
   DDR4 SDRAM Registered DIMM Based on 4Gb A-die
HMT451R7AFR8C HYNIX-HMT451R7AFR8C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT451V7AFR8C HYNIX-HMT451V7AFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT325R7CFR8A HYNIX-HMT325R7CFR8A Datasheet
1Mb / 76P
   DDR3L SDRAM Registered DIMM Based on 2Gb C-die
HMT325R7EFR8A HYNIX-HMT325R7EFR8A Datasheet
1Mb / 70P
   DDR3L SDRAM Registered DIMM Based on 2Gb E-die
HMT84GL7MMR4A HYNIX-HMT84GL7MMR4A Datasheet
541Kb / 34P
   DDR3L SDRAM Load Reduced DIMM Based on 4Gb M-die
HMT425S6AFR6A HYNIX-HMT425S6AFR6A Datasheet
1Mb / 56P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb A-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com