Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCJ-2214 Datasheet(PDF) 1 Page - CUI INC

Part # RCJ-2214
Description  RCA Jack, Dual, Rt Angle, PCB Mount, Vert
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

RCJ-2214 Datasheet(HTML) 1 Page - CUI INC

  RCJ-2214 Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Website: www.cui.com
X2
X1
1
SCHEMATIC
MODEL NO.
2
3
RCJ-22XX
16.2 0.638
4.0 0.157
11.5 0.453
10.25 0.404
7.0 0.276
1.2 0.047
(3 PLCS)
7.5 0.295
8.0 0.315
8.0 0.315
4.0 0.157
(2 PLCS)
(2 PLCS)
5.0 0.197
(3 PLCS)
3.5 0.138
3.0 0.118
7.0 0.276
10.25 0.404
11.5 0.453
CONTACT RESISTANCE: 30m OHMS MAX
2
2
PCB LAYOUT
3
3
LIFE: 5,000 CYCLES
INSULATION RESISTANCE: 100M OHMS MIN: 100V DC
VOLTAGE WITHSTAND: 500V AC R.M.S. FOR 1 MINUTE
TOP VIEW
Tin
Black Color
Black Color
see color index
PBT
PBT
ABS
ABS
Brass
Brass
Brass
see color index
Tin
Nickel
COLOR CHART
1
2
3
4
5
6
Green
Blue
Yellow
White
Red
Black
COLOR INDEX
RCJ-22X1 X2
RCJ-2221
PART NO.
Red Color
INPUT X1
Color X1
INPUT X2
Black Color
Color X2
1
SPECIFICATIONS:
RATING: 24V DC @ 5A
C
(2 PLCS)
1.7X3.0
REV.
DESCRIPTION
DATE
A
NEW DRAWING
6/29/2007
B
plating on terminals 1 & 2 changed from silver to tin
8/3/2010
C
added mounting hole dimension
11/5/2010
SPECIFIED
MATERIAL
PLATING
TERMINAL (2)
C
TERMINAL (3)
BASE
COVER
INPUT X2
INPUT X1
TOLERANCE:
±0.3mm UNLESS OTHERWISE
BARREL (1)
SCALE:
RCA Jack, Dual, Rt Angle, PCB Mount, Vert.
COPYRIGHT 2010 BY CUI INC.
TITLE:
MM [INCHES]
2:1
RCJ-22XX
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
RCJ-22XX
ZRJ
REV:
12
3
0.661
16.8
2.5 0.098
27.4 1.079
14.0 0.551
6.0
(2 PLCS)
0.236
16.0 0.630
0.354
9.0
16.0 0.630
7.8 0.307
(2 PLCS)
0.327
(2 PLCS)
8.3
10.2 0.402
(2 PLCS)


Similar Part No. - RCJ-2214

ManufacturerPart #DatasheetDescription
logo
CUI INC
RCJ-22XX CUI-RCJ-22XX Datasheet
26Kb / 1P
   RCA Jack, Dual, Rt Angle, PCB Mount, Vert.
More results

Similar Description - RCJ-2214

ManufacturerPart #DatasheetDescription
logo
CUI INC
RCJ-33XXX CUI-RCJ-33XXX Datasheet
313Kb / 1P
   RCA Jack, Dual, Rt Angle, PCB Mount, Vert.
RCJ-22XX CUI-RCJ-22XX Datasheet
26Kb / 1P
   RCA Jack, Dual, Rt Angle, PCB Mount, Vert.
RCJ-32XXX CUI-RCJ-32XXX Datasheet
26Kb / 1P
   RCA Jack, 3-Port, Rt Angle, PCB Mount, Horiz.
RCJ-011 CUI-RCJ-011 Datasheet
268Kb / 1P
   RCA Jack, Metal, Right Angle, PCB Mount
RCJ-01X CUI-RCJ-01X Datasheet
81Kb / 1P
   RCA Jack, Metal, Right Angle, PCB Mount
RCJ-61XX CUI-RCJ-61XX Datasheet
107Kb / 1P
   RCA Jack, 6 port, 2x3, Right Angle, PCB Mount
RCJ-02X CUI-RCJ-02X Datasheet
28Kb / 1P
   RCA Jack, Metal, Vertical, PCB Mount
RCJ-021 CUI-RCJ-021 Datasheet
31Kb / 1P
   RCA Jack, Metal, Vertical, PCB Mount
logo
Adam Technologies, Inc.
RCA-2-X-X ADAM-TECH-RCA-2-X-X Datasheet
103Kb / 1P
   RCA JACK RIGHT ANGLE
RCA-27-1-X ADAM-TECH-RCA-27-1-X Datasheet
80Kb / 1P
   RCA JACK RIGHT ANGLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com