Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1636 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG1636
Description  1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1636 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG1636 Datasheet HTML 8Page - Analog Devices ADG1636 Datasheet HTML 9Page - Analog Devices ADG1636 Datasheet HTML 10Page - Analog Devices ADG1636 Datasheet HTML 11Page - Analog Devices ADG1636 Datasheet HTML 12Page - Analog Devices ADG1636 Datasheet HTML 13Page - Analog Devices ADG1636 Datasheet HTML 14Page - Analog Devices ADG1636 Datasheet HTML 15Page - Analog Devices ADG1636 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADG1636
Rev. A | Page 12 of 16
50
100
150
200
250
300
350
400
450
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD = +3.3V, VSS = 0V
VDD = +5V, VSS = 0V
VDD = +5V, VSS = –5V
VDD = +12V, VSS = 0V
Figure 17. tON/tOFF Times vs. Temperature
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
FREQUENCY (Hz)
100k
1M
10M
100M
1G
10k
1k
TA = 25°C
VDD = +5V
VSS = –5V
Figure 18. Off Isolation vs. Frequency
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (Hz)
100k
1M
10M
100M
1G
10k
1k
TA = 25°C
VDD = +5V
VSS = –5V
ADJACENT
NON-ADJACENT
Figure 19. Crosstalk vs. Frequency
FREQUENCY (Hz)
100k
1M
10M
100M
1G
10k
1k
–15
–13
–11
–9
–7
–5
–3
–1
TA = 25°C
VDD = +5V
VSS = –5V
Figure 20. On Response vs. Frequency
–120
–100
–80
–60
–40
–20
0
FREQUENCY (Hz)
100k
1M
10M
10k
1k
TA = 25°C
VDD = +5V
VSS = –5V
NO DECOUPLING
CAPACITORS
DECOUPLING
CAPACITORS
Figure 21. ACPSRR vs. Frequency
0
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
FREQUENCY (Hz)
15k
20k
10k
5k
25k
VDD = +3.3V
VS = 2V p-p
VDD = +5V
VS = 3.5V p-p
VDD = +5V
VSS = –5V
VS = 5V p-p
VDD = +12V
VS = 5V p-p
RL = 110Ω
TA = 25°C
Figure 22. THD + N vs. Frequency


Similar Part No. - ADG1636

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1636BCPZ-REEL AD-ADG1636BCPZ-REEL Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BCPZ-REEL7 AD-ADG1636BCPZ-REEL7 Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BRUZ AD-ADG1636BRUZ Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BRUZ-REEL AD-ADG1636BRUZ-REEL Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BRUZ-REEL7 AD-ADG1636BRUZ-REEL7 Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
More results

Similar Description - ADG1636

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
logo
Vishay Siliconix
DG417LE VISHAY-DG417LE_V01 Datasheet
346Kb / 19P
   6 ??On-Resistance, 12 V, 짹 5 V, 5 V, 3 V, SPST and SPDT Switches
01-Jan-2022
logo
Analog Devices
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com