Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL2530 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. HCPL2530
Description  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2530 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HCPL2530 Datasheet HTML 1Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 2Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 3Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 4Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 5Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N135, 6N136, HCPL2503, HCPL4502, HCPL2530, HCPL2531 Rev. 1.0.7
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Notes:
1.
Derate linearly above 70°C free-air temperature at a rate of 0.8mA/°C.
2.
Derate linearly above 70°C free-air temperature at a rate of 1.6mA/°C.
3.
Derate linearly above 70°C free-air temperature at a rate of 0.9 mW/°C.
4.
Derate linearly above 70°C free-air temperature at a rate of 2.0 mW/°C.
Symbol
Parameter
Condition
Value
Units
TSTG
Storage Temperature
-55 to +125
°C
TOPR
Operating Temperature
-55 to +100
°C
TSOL
Lead Solder Temperature
260 for 10 sec
°C
EMITTER
IF (avg)
DC/Average Forward Input
Current Each Channel(1)
25
mA
IF (pk)
Peak Forward Input Current
Each Channel(2)
50% duty cycle, 1ms P.W.
50
mA
IF (trans) Peak Transient Input Current
Each Channel
≤1µs P.W., 300pps
1.0
A
VR
Reverse Input Voltage Each
Channel
5V
PD
Input Power Dissipation Each
Channel
6N135/6N136 and HCPL2503/4502
100
mW
HCPL-2530/253(3)
45
DETECTOR
IO (avg)
Average Output Current Each
Channel
8
mA
IO (pk)
Peak Output Current Each
Channel
16
mA
VEBR
Emitter-Base Reverse Voltage
6N135, 6N136 and HCPL2503 only
5
V
VCC
Supply Voltage
-0.5 to 30
V
VO
Output Voltage
-0.5 to 20
V
IB
Base Current
6N135, 6N136 and HCPL2503 only
5
mA
PD
Output Power Dissipation
Each Channel
6N135, 6N136, HCPL2503, HCPL4502(4)
100
mW
HCPL2530, HCPL2531
35
mW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn