Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL2530 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part No. HCPL2530
Description  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2530 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button HCPL2530 Datasheet HTML 4Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 5Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 9Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 10Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 11Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N135, 6N136, HCPL2503, HCPL4502, HCPL2530, HCPL2531 Rev. 1.0.7
10
Ordering Information
Marking Information
Option
Example Part Number
Description
S
6N135S
Surface Mount Lead Bend
SD
6N135SD
Surface Mount; Tape and reel
W
6N135W
0.4" Lead Spacing
V
6N135V
VDE0884
WV
6N135WV
VDE0884; 0.4” lead spacing
SV
6N135SV
VDE0884; surface mount
SDV
6N135SDV
VDE0884; surface mount; tape and reel
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE option –
See order entry table)
4Two digit year code, e.g., ‘03’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
2503
T1
YY
XX
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn