Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL2530 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. HCPL2530
Description  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2530 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HCPL2530 Datasheet HTML 1Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 2Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 3Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 4Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 5Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N135, 6N136, HCPL2503, HCPL4502, HCPL2530, HCPL2531 Rev. 1.0.7
August 2008
Single-Channel: 6N135, 6N136, HCPL2503, HCPL4502
Dual-Channel: HCPL2530, HCPL2531
High Speed Transistor Optocouplers
Features
High speed –1 MBit/s
Superior CMR – 10kV/µs
Dual-Channel HCPL2530/HCPL2531
Double working voltage – 480V RMS
CTR guaranteed 0–70°C
U.L. recognized (File # E90700)
Applications
Line receivers
Pulse transformer replacement
Output interface to CMOS-LSTTL-TTL
Wide bandwidth analog coupling
Description
The HCPL4502, HCPL2503, 6N135, 6N136, HCPL2530
and HCPL2531 optocouplers consist of an AlGaAs
LED optically coupled to a high speed photodetector
transistor.
A separate connection for the bias of the photodiode
improves the speed by several orders of magnitude over
conventional phototransistor optocouplers by reducing
the base-collector capacitance of the input transistor.
An internal noise shield provides superior common
mode rejection of 10kV/µs. An improved package allows
superior insulation permitting a 480V working voltage
compared to industry standard of 220V.
Schematics
Package Outlines
8
1
8
1
8
1
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
V
F2
_
+
HCPL2530/HCPL2531
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
V
B
V
O
GND
N/C
N/C
6N135, 6N136, HCPL2503, HCPL4502
Pin 7 is not connected in
Part Number HCPL4502


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn