Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL2530 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part No. HCPL2530
Description  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2530 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button HCPL2530 Datasheet HTML 4Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 5Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 9Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 10Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 11Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N135, 6N136, HCPL2503, HCPL4502, HCPL2530, HCPL2531 Rev. 1.0.7
8
Test Circuits
Pulse Gen
CM
V
V
FF
B
A
+-
+5 V
O
V
-
I
F
3
4
+
F
V
-
2
1
Shield
Noise
6
O
5
GND
7
8
V
B
V
CC
V
L
R
PLH
OL
V
VO
0
5 V
1.5 V
F
I
1.5 V
T
PHL
T
Switch at A : I = 0 mA
F
Switch at A : I = 16 mA
F
tr
VO
O
V
OL
V
5 V
0 V
10%
10%
90%
CM
V
10 V
4
5
Noise
1
2
3
Shield
8
7
6
+5 V
O
V
VCC
V01
V02
GND
VF1
-
+
F2
V
-
F
I
+
10% DUTY CYCLE
I/f < 100
µS
F
I
MONITOR
L
R
C = 1.5
µF
L
Pulse
Generator
tr = 5ns
Z = 50
O
GND
+
4
5
1
3
2
-
F2
V
VF1
-
Shield
Noise
+5 V
CC
8
V
L
V
6
02
V
7
R
01
VO
V
CM
A
B
Pulse Gen
F
I
+-
+
3
I Monitor
F
4
I/f < 100
µs
10% D.C.
tr = 5ns
Generator
Pulse
Z = 50
O
+
V
F
I
F
-
2
1
Shield
Noise
V
O
O
6
5
GND
7
8
V
B
V
L
R
CC
V
+5 V
0.1
µF
L
C = 1.5
µF
Test Circuit for 6N135, 6N136, HCPL-2503 and HCPL- 4502
0.1
µF
Test Circuit for HCPL-2530 and HCPL-2531
Test Circuit for 6N135, 6N136, HCPL-2503 and HCPL-4502
Test Circuit for HCPL-2530 and HCPL-2531
f
t
0.1
µF
0.1
µF
FF
V
m
R
m
R
90%
Fig. 7 Switching Time Test Circuit
Fig. 8 Common Mode Immunity Test Circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn