Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL2530 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part No. HCPL2530
Description  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2530 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button HCPL2530 Datasheet HTML 3Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 4Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 5Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 9Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 10Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N135, 6N136, HCPL2503, HCPL4502, HCPL2530, HCPL2531 Rev. 1.0.7
7
Typical Performance Curves
Fig. 1 Normalized CTR vs. Forward Current
IF - FORWARD CURRENT (mA)
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 2 Normalized CTR vs. Temperature
TA - TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 3 Output Current vs. Output Voltage
VO – OUTPUT VOLTAGE (V)
02468
10
12
14161820
0
2
4
6
8
10
12
14
16
IF = 5mA
IF = 10mA
IF = 15mA
IF = 20mA
IF = 25mA
IF = 30mA
IF = 35mA
IF = 40mA
Normalized to:
IF = 16 mA
VO = 0.4 V
VCC = 5 V
TA = 25°C
Normalized to:
TA = 25°C
IF = 16mA
VCC = 5 V
VO = 0.4 V
Fig. 4 Logic High Output Current
vs. Temperature
TA – TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0.1
1
10
100
1000
Fig. 5 Propagation Delay vs. Temperature
TA – TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
600
700
800
RL = 1.9kΩ (TPHL)
R = 4.1k
Ω (TPLH)
L
RL = 1.9kΩ (TPLH)
RL = 4.1kΩ (TPLH)
Fig. 6 Propagation Delay vs. Load Resistance
RL – LOAD RESISTANCE (kΩ)
1
10
100
1000
10000
IF - 16mA (TPHL)
IF - 10mA (TPHL)
IF - 10mA (TPLH)
IF - 16mA (TPLH)
TA = 25°C
VCC = 5 V
IF = 0 mA
VCC = 5 V
VO = 5 V
IF = 16mA
VCC = 5 V
VCC = 5 V
TA = 25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn