Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL2530 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. HCPL2530
Description  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2530 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HCPL2530 Datasheet HTML 1Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 2Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 3Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 4Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 5Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2530 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N135, 6N136, HCPL2503, HCPL4502, HCPL2530, HCPL2531 Rev. 1.0.7
5
Electrical Characteristics (Continued) (T
A = 0 to 70°C unless otherwise specified)
Switching Characteristics (VCC = 5V)
** All Typicals at TA = 25°C
Notes:
6. The 4.1k
Ω load represents 1 LSTTL unit load of 0.36mA and 6.1kΩ pull-up resistor.
7. The 1.9k
Ω load represents 1 TTL unit load of 1.6mA and 5.6kΩ pull-up resistor.
8. Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading edge
of the common mode pulse signal VCM, to assure that the output will remain in a logic high state (i.e., VO > 2.0V).
Common mode transient immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the trailing edge
of the common mode pulse signal, VCM, to assure that the output will remain in a logic low state (i.e., VO < 0.8V).
Symbol Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
TPHL
Propagation Delay
Time to Logic LOW
TA = 25°C, RL = 4.1kΩ,
IF = 16mA
(6) (Fig. 7)
6N135
HCPL2530
0.45
1.5
µs
RL = 1.9kΩ, IF = 16mA,
TA = 25°C
(7) (Fig. 7)
6N136
HCPL4502
HCPL2503
HCPL2531
0.45
0.8
µs
RL = 4.1kΩ, IF = 16mA
(6) (Fig. 7)
6N135
HCPL2530
2.0
µs
RL = 1.9kΩ, IF = 16mA
(7) (Fig. 7)
6N136
HCPL4502
HCPL2503
HCPL2531
1.0
µs
TPLH
Propagation Delay
Time to Logic HIGH
TA = 25°C, (RL = 4.1kΩ,
IF = 16mA
(6) (Fig. 7)
6N135
HCPL2530
0.5
1.5
µs
RL = 1.9kΩ, IF = 16mA
(7) (Fig. 7)
TA = 25°C
6N136
HCPL4502
HCPL2503
HCPL2531
0.3
0.8
µs
RL = 4.1kΩ, IF = 16mA
(6) (Fig. 7)
6N135
HCPL2530
2.0
µs
RL = 1.9kΩ, IF = 16mA
(7) (Fig. 7)
6N136
HCPL4502
HCPL2503
HCPL2531
1.0
µs
|CMH|
Common Mode
Transient
Immunity at
Logic High
IF = 0mA, VCM = 10VP-P,
RL = 4.1kΩ, TA = 25°C
(8) (Fig. 8)
6N135
HCPL2530
10,000
V/µs
IF = 0mA, VCM = 10VP-P,
RL = 1.9kΩ, TA = 25°C
(8) (Fig. 8)
6N136
HCPL4502
HCPL2503
HCPL2531
10,000
V/µs
|CML|
Common Mode
Transient
Immunity at
Logic Low
IF = 16mA, VCM = 10 VP-P,
RL = 4.1kΩ, TA = 25°C
(8) (Fig. 8)
6N135
HCPL2530
10,000
V/µs
IF = 16mA, VCM = 10 VP-P,
RL = 1.9kΩ
(8) (Fig. 8)
6N136
HCPL4502
HCPL2503
HCPL2531
10,000
V/µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn