Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA-ISO-TI14 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA-ISO-TI14
Description  JTAG Probes for Signum Emulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA-ISO-TI14 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA-ISO-TI14 Datasheet HTML 3Page - Analog Devices ADA-ISO-TI14 Datasheet HTML 4Page - Analog Devices ADA-ISO-TI14 Datasheet HTML 5Page - Analog Devices ADA-ISO-TI14 Datasheet HTML 6Page - Analog Devices ADA-ISO-TI14 Datasheet HTML 7Page - Analog Devices ADA-ISO-TI14 Datasheet HTML 8Page - Analog Devices ADA-ISO-TI14 Datasheet HTML 9Page - Analog Devices ADA-ISO-TI14 Datasheet HTML 10Page - Analog Devices ADA-ISO-TI14 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
J T A G
P R OB E S
F OR
S I GN U M
E M ULATO RS
T E CHNI CA L
S P E C IF IC A TION S
5
ADA-ARM-SWD
The ARM-SWD probe supports both ARM and Cortex boards at voltages 0.8V to 5.0V. It must be used when
Cortex Serial Wire Debug or Cortex Serial Wire Output operation mode is required.
In addition to a standard 20-pin double-row female ARM connector, this probe has a 20-pin and 10-pin high-
density Cortex connectors. Only one connector can be used at a time. The ARM connector, mounted
underneath the probe, has the pinout of the ADA-JET-ARM20 probe (Figure 12). The pinouts of the 20-pin
and 10-pin Cortex connectors are shown in Figure 13 and Figure 14, respectively. The two high-density cables
included with the probe provide a link between the Cortex connectors and the target board (Figure 11).
Figure 11 The ADA-ARM-SWD probe with the Cortex cables.
Figure 12 The ARM20 pinout of the ADA-
ARM-SWD probe’s ARM connector. Top view.
SWDIO / TMS
SWCLK / TCK
SWO/EXTa/TRACECTL / TDO
NC/EXTb / TDI
nRESET
TRACECLK
TRACEDATA[0]
TRACEDATA[1]
TRACEDATA[2]
TRACEDATA[3]
VTRef
GND
GND
KEY
GNDDetect
GND/TgtPwr+Cap
GND/TgtPwr+Cap
GND
GND
GND
1
3
5
7
9
11
13
15
17
19
2
4
6
8
10
12
14
16
18
20
SWDIO / TMS
SWCLK / TCK
SWO / TDO
NC/EXTb / TDI
nRESET
VTRef
GND
GND
KEY
GNDDetect
1
3
5
7
9
2
4
6
8
10
FIGURE 13 The Cortex20 pinout of the ADA-ARM-SWD probe’s
high-density 20-pin Cortex connector. Top view.
FIGURE 14 The Cortex10 pinout of the ADA-
ARM-SWD probe’s high-density 10-pin Cortex
connector. Top view.
The mating JTAG headers for targets are shrouded with a key, but will require removal of one pin (Table 4).
Pin 1
Pin 1
Pin 1


Similar Part No. - ADA-ISO-TI14

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
ADA-0416 MARKIMICROWAVE-ADA-0416 Datasheet
469Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
ADA-1030 MARKIMICROWAVE-ADA-1030 Datasheet
470Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
ADA-2052 MARKIMICROWAVE-ADA-2052 Datasheet
471Kb / 6P
   AMPLIFIER/DOUBLER/AMPLIFIER
logo
Agilent(Hewlett-Packard...
ADA-4543 HP-ADA-4543 Datasheet
111Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
More results

Similar Description - ADA-ISO-TI14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VYBRIDFSERIESEC NXP-VYBRIDFSERIESEC Datasheet
1Mb / 122P
   Standard JTAG
Rev. 9, 01/2018
logo
STMicroelectronics
UM0139 STMICROELECTRONICS-UM0139 Datasheet
2Mb / 38P
   The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
June 2007 Rev 6
logo
Maxim Integrated Produc...
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
   USB Host Adapter Emulators
19-6472; Rev 4; 9/16
logo
STMicroelectronics
UM0244 STMICROELECTRONICS-UM0244 Datasheet
152Kb / 11P
   FlashLINK JTAG programming cable for STR9
logo
Vaisala
HPP270 VAISALA-HPP270 Datasheet
334Kb / 4P
   Probes
logo
Pomona Electronics
6354 POMONA-6354 Datasheet
23Kb / 1P
   Replacement Tips For Test Probes
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
   USB Charger Adapter Emulators
Rev 1; 3/13
logo
NXP Semiconductors
VYBRIDRSERIESEC NXP-VYBRIDRSERIESEC Datasheet
1Mb / 125P
   Standard JTAG
Rev. 8, 01/2018
logo
Spectrum Microwave, Inc...
XDS560R SPECTRUM-XDS560R Datasheet
62Kb / 1P
   XDS560R USB JTAG Emulator with 14-pin JTAG Header
logo
Agilent(Hewlett-Packard...
W2630 HP-W2630 Datasheet
387Kb / 12P
   DDR2 BGA Probes for Logic Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com