Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL2503 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part No. HCPL2503
Description  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2503 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button HCPL2503 Datasheet HTML 4Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 5Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 9Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 10Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 11Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N135, 6N136, HCPL2503, HCPL4502, HCPL2530, HCPL2531 Rev. 1.0.7
11
Tape Specifications
Reflow Profile
4.0
± 0.1
Ø1.55
± 0.05
User Direction of Feed
4.0
± 0.1
1.75
± 0.10
7.5
± 0.1
16.0
± 0.3
12.0
± 0.1
0.30
± 0.05
13.2
± 0.2
4.90
± 0.20
0.1 MAX
10.30
± 0.20
10.30
± 0.20
Ø1.6
± 0.1
• Peak reflow temperature: 225C (package surface temperature)
• Time of temperature higher than 183C for 60–150 seconds
• One time soldering reflow is recommended
215 C, 10–30 s
225 C peak
Time (Minute)
0
300
250
200
150
100
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Time above 183C, 60–150 sec
Ramp up = 3C/sec


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn