Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL2503 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. HCPL2503
Description  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2503 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button HCPL2503 Datasheet HTML 2Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 3Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 4Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 5Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 9Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N135, 6N136, HCPL2503, HCPL4502, HCPL2530, HCPL2531 Rev. 1.0.7
6
Electrical Characteristics (Continued) (T
A = 0 to 70°C unless otherwise specified)
Isolation Characteristics (TA = 0 to 70°C Unless otherwise specified)
Notes:
9. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are
shorted together.
10. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together.
Symbol
Characteristics
Test Conditions
Min
Typ**
Max
Unit
II-O
Input-Output Insulation
Leakage Current
Relative humidity = 45%,
TA = 25°C, t = 5s,
VI-O = 3000 VDC
(9)
1.0
µA
VISO
Withstand Insulation Test
Voltage
RH
≤ 50%, T
A = 25°C, II-O ≤ 2µA,
t = 1 min.(9)
2500
VRMS
RI-O
Resistance (Input to Output)
VI-O = 500VDC
(9)
1012
CI-O
Capacitance (Input to Output)
f = 1MHz(9)
0.6
pF
HFE
DC Current Gain
IO = 3mA, VO = 5V
(9)
150
II-I
Input-Input Insulation Leakage
Current
RH
≤ 45%, V
I-I = 500VDC
(10)
t = 5 s, (HCPL2530/2531 only)
0.005
µA
RI-I
Input-Input Resistance
VI-I = 500 VDC
(10)
(HCPL2530/2531 only)
1011
CI-I
Input-Input Capacitance
f = 1MHz)(10)
(HCPL2530/2531 only)
0.03
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn