Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL2503 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. HCPL2503
Description  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2503 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HCPL2503 Datasheet HTML 1Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 2Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 3Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 4Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 5Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2503 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N135, 6N136, HCPL2503, HCPL4502, HCPL2530, HCPL2531 Rev. 1.0.7
4
Electrical Characteristics (Continued) (T
A = 0 to 70°C unless otherwise specified)
Transfer Characteristics
*All Typicals at TA = 25°C
Note:
5. Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current, IF,
times 100%.
Symbol
Parameter
Test Conditions
Device
Min.
Typ.* Max. Unit
COUPLED
CTR
Current Transfer
Ratio(5)
IF = 16mA, VO = 0.4 V,
VCC = 4.5V, TA =25°C
6N135
HCPL2530
718
50
%
6N136
HCPL4502
HCPL2531
19
27
50
%
HCPL2503
12
27
%
IF = 16mA,
VCC = 4.5V
VOL = 0.4V
6N135
5
21
%
VOL = 0.5V
HCPL2530
VOL = 0.4V
6N136
HCPL4502
15
30
%
VOL = 0.5V
HCPL2531
VOL = 0.4V
HCPL2503
9
30
%
VOL
Logic LOW Output
Voltage
IF = 16mA, IO = 1.1mA,
VCC = 4.5V, TA =25°C
6N135
0.18
0.4
V
HCPL2530
0.18
0.5
IF = 16mA, IO = 3mA,
VCC = 4.5V, TA =25°C
6N136
HCPL2503
0.25
0.4
HCPL2531
0.25
0.5
IF = 16mA, IO = 0.8mA,
VCC = 4.5V
6N135
HCPL2530
0.5
IF = 16mA, IO = 2.4mA,
VCC = 4.5V
HCPL4502
HCPL2531
0.5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn