Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9649 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9649
Description  14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9649 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9649 Datasheet HTML 24Page - Analog Devices AD9649 Datasheet HTML 25Page - Analog Devices AD9649 Datasheet HTML 26Page - Analog Devices AD9649 Datasheet HTML 27Page - Analog Devices AD9649 Datasheet HTML 28Page - Analog Devices AD9649 Datasheet HTML 29Page - Analog Devices AD9649 Datasheet HTML 30Page - Analog Devices AD9649 Datasheet HTML 31Page - Analog Devices AD9649 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD9649
Rev. 0 | Page 30 of 3
2
APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting the design and layout of the AD9649 as a system,
it is recommended that the designer become familiar with these
guidelines, which discuss the special circuit connections and
layout requirements needed for certain pins.
Power and Ground Recommendations
When connecting power to the AD9649, it is strongly recom-
mended that two separate supplies be used. Use one 1.8 V supply
for analog (AVDD); use a separate 1.8 V to 3.3 V supply for the
digital output supply (DRVDD). If a common 1.8 V AVDD and
DRVDD supply must be used, the AVDD and DRVDD domains
must be isolated with a ferrite bead or filter choke and separate
decoupling capacitors. Several different decoupling capacitors can
be used to cover both high and low frequencies. Locate these
capacitors close to the point of entry at the PCB level and close
to the pins of the part, with minimal trace length.
A single PCB ground plane should be sufficient when using the
AD9649. With proper decoupling and smart partitioning of the
PCB analog, digital, and clock sections, optimum performance
is easily achieved.
Exposed Paddle Thermal Heat Sink Recommendations
The exposed paddle (Pin 0) is the only ground connection for
the AD9649; therefore, it must be connected to analog ground
(AGND) on the customer’s PCB. To achieve the best electrical
and thermal performance, mate an exposed (no solder mask)
continuous copper plane on the PCB to the AD9649 exposed
paddle, Pin 0.
The copper plane should have several vias to achieve the lowest
possible resistive thermal path for heat dissipation to flow through
the bottom of the PCB. Fill or plug these vias with nonconduc-
tive epoxy.
To maximize the coverage and adhesion between the ADC and
the PCB, a silkscreen should be overlaid to partition the continuous
plane on the PCB into several uniform sections. This provides
several tie points between the ADC and the PCB during the reflow
process. Using one continuous plane with no partitions guarantees
only one tie point between the ADC and the PCB. For detailed
information about packaging and PCB layout of chip scale
packages, see the AN-772 Application Note, A Design and
Manufacturing Guide for the Lead Frame Chip Scale Package
(LFCSP), at www.analog.com.
Encode Clock
For optimum dynamic performance, use a low jitter encode
clock source with a 50% duty cycle (±5%) to clock the AD9649.
VCM
The VCM pin should be decoupled to ground with a 0.1 μF
capacitor, as shown in Figure 39.
RBIAS
The AD9649 requires that a 10 kΩ resistor be placed between
the RBIAS pin and ground. This resistor sets the master current
reference of the ADC core and should have at least a 1% tolerance.
Reference Decoupling
Externally decouple the VREF pin to ground with a low ESR,
1.0 μF capacitor in parallel with a low ESR, 0.1 μF ceramic
capacitor.
SPI Port
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK, CSB, and SDIO signals are typically asynchronous to the
ADC clock, noise from these signals can degrade converter
performance. If the on-board SPI bus is used for other devices,
it may be necessary to provide buffers between this bus and the
AD9649 to keep these signals from transitioning at the converter
inputs during critical sampling periods.


Similar Part No. - AD9649

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9649-20EBZ AD-AD9649-20EBZ Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9649-20EBZ1 AD-AD9649-20EBZ1 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649-40EBZ AD-AD9649-40EBZ Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9649-40EBZ1 AD-AD9649-40EBZ1 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649-65EBZ AD-AD9649-65EBZ Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9649

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649_17 Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com