Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5669R Datasheet(PDF) 10 Page - Analog Devices

Part # AD5669R
Description  Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5669R Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5669R Datasheet HTML 6Page - Analog Devices AD5669R Datasheet HTML 7Page - Analog Devices AD5669R Datasheet HTML 8Page - Analog Devices AD5669R Datasheet HTML 9Page - Analog Devices AD5669R Datasheet HTML 10Page - Analog Devices AD5669R Datasheet HTML 11Page - Analog Devices AD5669R Datasheet HTML 12Page - Analog Devices AD5669R Datasheet HTML 13Page - Analog Devices AD5669R Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD5629R/AD5669R
Data Sheet
Rev. B | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
11
10
1
3
4
GND
VOUTB
VOUTD
9
VOUTF
VDD
VOUTC
2
VOUTA
VOUTE
TOP VIEW
(Not to Scale)
AD5629R/AD5669R
NOTES
1. EXPOSED PAD MUST BE TIED TO GND.
Figure 3. 16-Lead LFCSP (CP-16-17)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A0
VDD
VOUTA
VOUTG
VOUTE
VOUTC
LDAC
SDA
GND
VOUTB
VOUTH
VREFIN/VREFOUT
CLR
VOUTF
VOUTD
SCL
TOP VIEW
(Not to Scale)
AD5629R/
AD5669R
Figure 4. 16-Lead TSSOP (RU-16)
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
1
A
B
C
D
23
4
BALL A1
INDICATOR
GND
VOUTB
VOUTF
VOUTH
SDA
VDD
VOUTE
VREF
A0
VOUTA
VOUTC
VOUTG
SCL
LDAC
VOUTD
CLR
Figure 5. 16-Ball WLCSP


Similar Part No. - AD5669R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5669RACPZ-2-RL7 AD-AD5669RACPZ-2-RL7 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5669RACPZ-3-RL7 AD-AD5669RACPZ-3-RL7 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5669RARUZ-1 AD-AD5669RARUZ-1 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5669RARUZ-1-RL7 AD-AD5669RARUZ-1-RL7 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5669RBCBZ-1-R5 AD-AD5669RBCBZ-1-R5 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
More results

Similar Description - AD5669R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5629R AD-AD5629R_18 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5627R AD-AD5627R_07 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com