Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT425S6AFR6A Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HMT425S6AFR6A
Description  DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb A-die
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT425S6AFR6A Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HMT425S6AFR6A Datasheet HTML 7Page - Hynix Semiconductor HMT425S6AFR6A Datasheet HTML 8Page - Hynix Semiconductor HMT425S6AFR6A Datasheet HTML 9Page - Hynix Semiconductor HMT425S6AFR6A Datasheet HTML 10Page - Hynix Semiconductor HMT425S6AFR6A Datasheet HTML 11Page - Hynix Semiconductor HMT425S6AFR6A Datasheet HTML 12Page - Hynix Semiconductor HMT425S6AFR6A Datasheet HTML 13Page - Hynix Semiconductor HMT425S6AFR6A Datasheet HTML 14Page - Hynix Semiconductor HMT425S6AFR6A Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Rev. 1.1 / Aug. 2013
11
4GB, 512Mx64 Module(1Rank of x8)
DQS0
DQS0
DM0
DQ[0:7]
DQS
DQS
DM
DQ [0:7]
D0
240ohm
ZQ
+/-1%
DQS
DQS
DM
DQ [0:7]
D4
240ohm
ZQ
+/-1%
DQS2
DQS2
DM2
DQ[16:23]
DQS
DQS
DM
DQ [0:7]
D1
240ohm
ZQ
+/-1%
DQS
DQS
DM
DQ [0:7]
D5
240ohm
ZQ
+/-1%
DQS4
DQS4
DM4
DQ[32:39]
DQS
DQS
DM
DQ [0:7]
D2
240ohm
ZQ
+/-1%
DQS
DQS
DM
DQ [0:7]
D6
240ohm
ZQ
+/-1%
DQS6
DQS6
DM6
DQ[48:55]
DQS
DQS
DM
DQ [0:7]
D3
240ohm
ZQ
+/-1%
DQS
DQS
DM
DQ [0:7]
D7
240ohm
ZQ
+/-1%
DQS1
DQS1
DM1
DQ[8:15]
DQS3
DQS3
DM3
DQ[24:31]
DQS5
DQS5
DM5
DQ[40:47]
DQS7
DQS7
DM7
DQ[56:63]
A2
Temp Sensor
SDA
D0–D7
VDDSPD
SPD/TS
D0–D7
VREFCA
SCL
Vtt
D0–D7
VDD
EVENT
A1
A0
SCL
SA0
SA1
(with SPD)
EVENT
A2
SDA
SCL
WP
A1
A0
SCL
SA0
SA1
(SPD)
Vtt
VREFDQ
VSS
CK0
CK1
CK0
CK1
S1
ODT1
D0–D7, SPD, Temp sensor
D0–D7
D0–D7
NC
NC
NOTES
1. DQ wiring may differ from that
shown however, DQ, DM, DQS, and
DQS relationships are maintained as
shown
Address and Control Lines
Rank 0
The SPD may be
integrated with the Temp
Sensor or may be
a separate component
D0
D1
D2
D3
D4
D5
D6
D7
V1
V2
V4
V3
V1
V2
V4
V3
CKE1
EVENT
RESET
Temp Sensor
D0-D7
NC
Terminated near
card edge


Similar Part No. - HMT425S6AFR6A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT425S6AFR6C HYNIX-HMT425S6AFR6C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT425S6AFR6C-G7 HYNIX-HMT425S6AFR6C-G7 Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT425S6AFR6C-H9 HYNIX-HMT425S6AFR6C-H9 Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT425S6AFR6C-PB HYNIX-HMT425S6AFR6C-PB Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT425S6AFR6C-RD HYNIX-HMT425S6AFR6C-RD Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb A-die
More results

Similar Description - HMT425S6AFR6A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT425S6MFR6A HYNIX-HMT425S6MFR6A Datasheet
1Mb / 53P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT451S6BFR8A HYNIX-HMT451S6BFR8A Datasheet
744Kb / 51P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb B-die
HMT425S6AFR6C HYNIX-HMT425S6AFR6C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT325S6EFR8A HYNIX-HMT325S6EFR8A Datasheet
1,022Kb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb E-die
HMT425U6AFR6A HYNIX-HMT425U6AFR6A Datasheet
1Mb / 60P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb A-Die
HMT312S6DFR6A HYNIX-HMT312S6DFR6A Datasheet
938Kb / 48P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb D-die
HMT325S6CFR8A HYNIX-HMT325S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT425S6MFR6C HYNIX-HMT425S6MFR6C Datasheet
1Mb / 52P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT41GU6MFR8A HYNIX-HMT41GU6MFR8A Datasheet
1Mb / 52P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT451U6DFR8A HYNIX-HMT451U6DFR8A Datasheet
802Kb / 57P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb D-Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com