Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ34Z950 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # BQ34Z950
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK WITH OPTIONAL DQ INTERFACE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ34Z950 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ34Z950 Datasheet HTML 8Page - Texas Instruments BQ34Z950 Datasheet HTML 9Page - Texas Instruments BQ34Z950 Datasheet HTML 10Page - Texas Instruments BQ34Z950 Datasheet HTML 11Page - Texas Instruments BQ34Z950 Datasheet HTML 12Page - Texas Instruments BQ34Z950 Datasheet HTML 13Page - Texas Instruments BQ34Z950 Datasheet HTML 14Page - Texas Instruments BQ34Z950 Datasheet HTML 15Page - Texas Instruments BQ34Z950 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
DQ
(R/W1)
DQ
(R/W0)
DQ
(BREAK)
t
(STRH)
t
(STRB)
t
(DSU)
t
(SSU)
t
(CYCH),t
,t
(CYCB)
(B)
t
(DH)
t
(SH)
t
(DV)
t
(BR)
t
(SV)
T0269-01
bq34z950
SLUSBF0A – APRIL 2013 – REVISED MAY 2013
www.ti.com
DQ 1-WIRE INTERFACE
DQ TIMING SPECIFICATIONS
VDD = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(CYCH)
Cycle time, host to bq34z950
See (1)
3
ms
t(CYCB)
Cycle time, bq34z950 to host
3
6
ms
t(STRH)
Start hold, host to bq34z950
5
ns
t(STRB)
Start hold, bq34z950 to host
500
750
μs
t(DSU)
Data setup
μs
t(DH)
Data hold
750
μs
t(DV)
Data valid
1.5
ms
t(SSU)
Stop setup
2.25
ms
t(SH)
Stop hold
700
μs
t(SV)
Stop valid
2.95
ms
t(B)
Break
3
ms
t(BR)
Break recovery
1
ms
(1)
The open-drain DQ pin should be pulled to at least VCC by the host system for proper DQ operation. DQ may be left floating if the serial
interface is not used.
Figure 2. DQ Timing Diagram
DQ timing for this device is selectable by adjusting values in Data Flash Sub Class 0x113. See Figure 3 for an
overview of the flash values.
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq34z950


Similar Part No. - BQ34Z950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34Z100 TI-BQ34Z100 Datasheet
880Kb / 50P
[Old version datasheet]   Wide Range Fuel Gauge with Impedance Track??Technology
BQ34Z100-G1 TI1-BQ34Z100-G1 Datasheet
1Mb / 65P
[Old version datasheet]   Wide Range Fuel Gauge
BQ34Z100-R2 TI-BQ34Z100-R2 Datasheet
1Mb / 27P
[Old version datasheet]   BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
DECEMBER 2022
BQ34Z100PW TI-BQ34Z100PW Datasheet
880Kb / 50P
[Old version datasheet]   Wide Range Fuel Gauge with Impedance Track??Technology
BQ34Z100PW-G1 TI1-BQ34Z100PW-G1 Datasheet
1Mb / 65P
[Old version datasheet]   Wide Range Fuel Gauge
More results

Similar Description - BQ34Z950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z70 TI1-BQ20Z70_15 Datasheet
788Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z80 TI1-BQ20Z80_14 Datasheet
1Mb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com