Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEOSSDO6A Datasheet(PDF) 5 Page - Tyco Electronics

Part # PEOSSDO6A
Description  Versatile Power Entry Module with Small Footprint
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PEOSSDO6A Datasheet(HTML) 5 Page - Tyco Electronics

  PEOSSDO6A Datasheet HTML 1Page - Tyco Electronics PEOSSDO6A Datasheet HTML 2Page - Tyco Electronics PEOSSDO6A Datasheet HTML 3Page - Tyco Electronics PEOSSDO6A Datasheet HTML 4Page - Tyco Electronics PEOSSDO6A Datasheet HTML 5Page - Tyco Electronics PEOSSDO6A Datasheet HTML 6Page - Tyco Electronics PEOSSDO6A Datasheet HTML 7Page - Tyco Electronics PEOSSDO6A Datasheet HTML 8Page - Tyco Electronics PEOSSDO6A Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Case Styles
P Series
Versatile Power Entry Module with Small Footprint (continued)
196
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Maximum leakage current each Line to Ground:
H & L Models
S & Z Models
@ 120 VAC 60 Hz:
2
A
.25 mA
@ 250 VAC 50 Hz:
5
A
.50 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage(max.):
250VAC
Operating Voltages:
Selectable or Fixed
115/230 VAC
Operating Frequency:
50/60 Hz
Rated Current:
Non-Filtered – 10A
Filtered – 3, 6 or 10A
Fuseholder:
Accepts one or two fuses
.25 x 1.25”(not included)
or 5 x 20mm (not included)
Switch:
DPST
10,000 operations at 51A max. inrush
Specifications
Electrical Schematics
LINE
LOAD
H Model
LINE
LOAD
S Model
LINE
LOAD
L Model
LINE
LOAD
Z Model
Front View
PM
PS
PE
1.22
30.98
2.496
63.4
2.88
73.15
1.22
30.98
2.29
58.16
2.39
60.71
1.58
40.13
1.95
49.53
High Performance
Version Only







Similar Description - PEOSSDO6A

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-370 SCHAFFNER-FN-370 Datasheet
1Mb / 5P
   Versatile Filtered Power Entry Module
FN-380 SCHAFFNER-FN-380 Datasheet
743Kb / 5P
   Versatile Filtered Power Entry Module
FN-390 SCHAFFNER-FN-390 Datasheet
619Kb / 5P
   Versatile Filtered Power Entry Module
logo
List of Unclassifed Man...
FN393-6-05-11 ETC2-FN393-6-05-11 Datasheet
466Kb / 3P
   Versatile fi ltered power entry module
logo
Schaffner International...
FN-9290 SCHAFFNER-FN-9290 Datasheet
2Mb / 7P
   Ultra Compact and Versatile Filtered Power Entry Module
logo
Bosch Sensortec GmbH
BMI055 BOSCH-BMI055 Datasheet
3Mb / 149P
   Small, versatile 6DoF sensor module
logo
Schaffner International...
FN-9280 SCHAFFNER-FN-9280 Datasheet
3Mb / 9P
   Ultra Compact and Versatile Filtered Power Entry Module
logo
List of Unclassifed Man...
BMI055 ETC2-BMI055 Datasheet
2Mb / 148P
   Small, versatile 6DoF sensor module
logo
Bosch Sensortec GmbH
BMX055 BOSCH-BMX055 Datasheet
3Mb / 172P
   Small, versatile 9-axis sensor module
logo
List of Unclassifed Man...
BMX055 ETC2-BMX055 Datasheet
3Mb / 172P
   Small, versatile 9-axis sensor module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com