Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1412 Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMC1412
Description  Multiple Channel 1 Temperature Sensor with Beta Compensation
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1412 Datasheet(HTML) 1 Page - SMSC Corporation

  EMC1412 Datasheet HTML 1Page - SMSC Corporation EMC1412 Datasheet HTML 2Page - SMSC Corporation EMC1412 Datasheet HTML 3Page - SMSC Corporation EMC1412 Datasheet HTML 4Page - SMSC Corporation EMC1412 Datasheet HTML 5Page - SMSC Corporation EMC1412 Datasheet HTML 6Page - SMSC Corporation EMC1412 Datasheet HTML 7Page - SMSC Corporation EMC1412 Datasheet HTML 8Page - SMSC Corporation EMC1412 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
SMSC EMC1412
DATASHEET
Revision 1.41 (02-23-12)
Datasheet
PRODUCT FEATURES
EMC1412
Multiple Channel 1°C
Temperature Sensor with
Beta Compensation
General Description
The EMC1412 is a high accuracy, low cost, System
Management Bus (SMBus) temperature sensor.
Advanced features such as Resistance Error Correction
(REC), Beta Compensation (to support CPU diodes
requiring the BJT/transistor model including 45nm,
65nm and 90nm processors) and automatic diode type
detection combine to provide a robust solution for
complex environmental monitoring applications.
The EMC1412 monitors two temperature channels (one
external and one internal). It provides ±1°C accuracy for
both external and internal diode temperatures.
Resistance Error Correction automatically eliminates the
temperature error caused by series resistance allowing
greater flexibility in routing thermal diodes. Beta
Compensation eliminates temperature errors caused by
low, variable beta transistors common in today's fine
geometry processors. The automatic beta detection
feature monitors the external diode/transistor and
determines the optimum sensor settings for accurate
temperature measurements regardless of processor
technology. This frees the user from providing unique
sensor configurations for each temperature monitoring
application. These advanced features plus ±1°C
measurement accuracy provide a low-cost, highly
flexible and accurate solution for critical temperature
monitoring applications.
Applications
Notebook Computers
Desktop Computers
Industrial
Embedded applications
Features
Programmable SMBus address
Support for diodes requiring the BJT/transistor model
supports 45nm, 65nm, and 90nm CPU thermal diodes
Automatically determines external diode type and
optimal settings
Resistance Error Correction
External Temperature Monitor
±1°C max accuracy (20°C < TDIODE < 110°C)
0.125°C resolution
Supports up to 2.2nF diode filter capacitor
Internal Temperature Monitor
±1°C accuracy
0.125°C resolution
3.3V Supply Voltage
Programmable temperature limits for ALERT and
THERM
Available in small 8-pin 2mm x 3mm TDFN lead-free
RoHS compliant package
Available in small 8-pin MSOP lead-free RoHS
compliant package


Similar Part No. - EMC1412

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
EMC1412 MICROCHIP-EMC1412 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
EMC1412-1-AC3-TR MICROCHIP-EMC1412-1-AC3-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
EMC1412-1-AC3-TR MICROCHIP-EMC1412-1-AC3-TR Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
More results

Similar Description - EMC1412

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1413 SMSC-EMC1413 Datasheet
897Kb / 52P
   Multiple Channel 1 Temperature Sensors with Beta Compensation
logo
Microchip Technology
EMC1413 MICROCHIP-EMC1413_14 Datasheet
1Mb / 54P
   Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1046 SMSC-EMC1046 Datasheet
574Kb / 36P
   1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
logo
Maxim Integrated Produc...
MAX6694 MAXIM-MAX6694 Datasheet
198Kb / 18P
   5-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 4/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com