Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

917726-1 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 917726-1
Description  AMP Soft Shell Pin and Socket Connectors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

917726-1 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 917726-1 Datasheet HTML 6Page - Tyco Electronics 917726-1 Datasheet HTML 7Page - Tyco Electronics 917726-1 Datasheet HTML 8Page - Tyco Electronics 917726-1 Datasheet HTML 9Page - Tyco Electronics 917726-1 Datasheet HTML 10Page - Tyco Electronics 917726-1 Datasheet HTML 11Page - Tyco Electronics 917726-1 Datasheet HTML 12Page - Tyco Electronics 917726-1 Datasheet HTML 13Page - Tyco Electronics 917726-1 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 134 page
background image
10
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
2.5 mm Signal Double Lock (2.5 SDL) Connectors
(Wire-to-Board and Wire-to-Wire) (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Quick Reference Chart for Mating Part Numbers
Housing
Double Lock Plate
Standard-Profile Type*
High-Profile Type
Cap Housing
Double Lock Plate
2
917686-1
917698-1
917780-1
917722-1
316086-1
917698-1
3
917687-1
917699-1
917781-1
917723-1
316087-1
917699-1
4
917688-1
917700-1
917782-1
917724-1
316088-1
917700-1
5
917689-1
917701-1
917783-1
917725-1
316089-1
917701-1
6
917690-1
917702-1
917784-1
917726-1
316090-1
917702-1
7
917691-1
917703-1
917785-1
917727-1
316091-1
917703-1
8
917692-1
917704-1
917786-1
917728-1
316092-1
917704-1
9
917693-1
917705-1
917787-1
917729-1
——
917705-1
10
917694-1
917706-1
917788-1
917730-1
316094-1
917706-1
11
917695-1
917707-1
917789-1
917731-1
——
917707-1
12
917696-1
917708-1
917790-1
917732-1
——
917708-1
13
917697-1
917709-1
917791-1
917733-1
——
917709-1
*Included in Standard-Profile Post Header line are Radial Tape-Mounted version (2 to 8 positions).
Refer to appropriate description in the catalog.
Note: All part numbers are RoHS Compliant.
Plug Connector Part No.
(Wire Side)
No. of Pos.
Mating Connectors (PC Board Mount & Wire Side)
Post Header Part No.
Cap Connector Part No.
Product Family List (Including Production Plans)
Description
Plug Housing
Vertical Board Mount
Post Header
Cap Housing
Double Lock Plate
Horizontal Board Mount Post Header
Horizontal Mount Post Header (Radial Tape-Mounted)
Number of Positions
23
456
789
10
11
12
13
bb
bbb
bbb
bb
bb
bb
bbb
bbb
bb
bb
bb
bbb
bb
bb
bbb
bbb
bb
bb
bb
bbb
bb
bb
bbb
bb
b
bb
bbb
bbb
bb
bb
Standard-Profile Type
High-Profile Type
Loose Piece
Radial Tape-Mounted
Loose Piece
Radial Tape-Mounted
Note:
b indicates products currently available;
indicates products planned for production.
Note: Dimensions shown are metric.


Similar Part No. - 917726-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
917726-1 MACOM-917726-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917726-1 MACOM-917726-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results

Similar Description - 917726-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-770178-1 MACOM-1-770178-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-794068-1 MACOM-1-794068-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-1586038-4 MACOM-1-1586038-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917845-1 MACOM-917845-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
4016-1 MACOM-4016-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
172163-1 MACOM-172163-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
794077-2 MACOM-794077-2 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-770166-0 MACOM-1-770166-0 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586038-8 MACOM-1586038-8 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
177898-1 MACOM-177898-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com