Electronic Components Datasheet Search |
|
ROV07-560K Datasheet(PDF) 9 Page - Tyco Electronics |
|
ROV07-560K Datasheet(HTML) 9 Page - Tyco Electronics |
9 / 10 page ROV07, ROV07H 7mm Series Metal Oxide Varistors Raychem Overvoltage Devices www.tycopowercomponents.com Document: SCD 25481 Status: Released Rev. A June 30, 2003 Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866 9 of 10 TAPE AND REEL DIMENSIONS Symbols Item Value l Cut out length 1.1mm max. H1 (Kinked lead) Height of kink 3.5mm max. Ho (Kinked lead) Height to seating plane 16.0 ± 0.5mm Ho (Straight lead) Height of component from hole center 16.0-21.0mm ∆h Front to back deviation 0.0 ± 2.0mm W Carrier tape width W0 Hold down tape width 10.0mm W1 Sprocket hole position W2 Adhesive tape position 3.0mm max. F Component lead spacing P Pitch of component 12.7 ± 1.0mm P0 Sprocket hole pitch 12.7 ± 0.3mm P1 Lead length from hole center to lead 3.85 ± 0.7mm P2 Length from hole center to disk center 6.35 ± 1.3mm D0 Sprocket hole diameter 4.0 ± 0.2mm d Lead wire diameter 0.6 ± 0.05mm T Disk thickness See C. max table t1 Total thickness tape 0.7 ± 0.05mm t2 Total thickness 1.6mm max. |
Similar Part No. - ROV07-560K |
|
Similar Description - ROV07-560K |