Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ256GA110 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC24FJ256GA110
Description  PIC24FJ256GA110 Family Silicon Errata and Data Sheet Clarification
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA110 Datasheet(HTML) 4 Page - Microchip Technology

  PIC24FJ256GA110 Datasheet HTML 1Page - Microchip Technology PIC24FJ256GA110 Datasheet HTML 2Page - Microchip Technology PIC24FJ256GA110 Datasheet HTML 3Page - Microchip Technology PIC24FJ256GA110 Datasheet HTML 4Page - Microchip Technology PIC24FJ256GA110 Datasheet HTML 5Page - Microchip Technology PIC24FJ256GA110 Datasheet HTML 6Page - Microchip Technology PIC24FJ256GA110 Datasheet HTML 7Page - Microchip Technology PIC24FJ256GA110 Datasheet HTML 8Page - Microchip Technology PIC24FJ256GA110 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
PIC24FJ256GA110 FAMILY
DS80368N-page 4
 2008-2013 Microchip Technology Inc.
Silicon Errata Issues
1. Module: Core (RAM Operation)
If a RAM read is performed on the instruction
immediately prior to enabling Doze mode, an extra
read event may occur when Doze mode is
enabled. This has no effect on most SFRs and on
user RAM space. However, this could cause regis-
ters which also perform some action on a read
(such as auto-incrementing a pointer or removing
data from a FIFO buffer) to repeat that action,
possibly resulting in lost data or unexpected
operation.
Work around
Avoid reading registers which perform a second-
ary action (e.g., UART and SPI FIFO buffers, and
the RTCVAL registers) immediately prior to
entering Doze mode.
If this cannot be avoided, execute a NOP
instruction before entering Doze mode.
Affected Silicon Revisions
2. Module: Core (BOR)
When the on-chip regulator is enabled (ENVREG
tied to VDD), a BOR event may spontaneously
occur under the following circumstances:
•VDD is less than 2.5V, and either:
• the internal band gap reference is being used as
a reference with the A/D Converter
(AD1PCFGH<1> or <0> = 0) or comparators
(CMxCON<1:0> = 11); or
• the CTMU module is enabled.
Work around
Limit the following activities to only those times
when the on-chip regulator is not in Tracking mode
(LVDIF (IFS4<8>) = 0):
• enabling the CTMU module;
• selecting the internal band gap as a reference
for the A/D Converter or the comparators.
Affected Silicon Revisions
3. Module: JTAG (Device Programming)
The JTAGEN Configuration bit can be pro-
grammed to ‘0’ while using the JTAG interface for
device programming. This may cause a situation
where JTAG programming can lock itself out of
being able to program the device.
Work around
None.
Affected Silicon Revisions
4
Module: UART
When the UART is operating using two Stop bits
(STSEL = 1), it may sample the first Stop bit
instead of the second one. If the device being com-
municated with is one using one Stop bit in its
communications, this may lead to framing errors.
Work around
None.
Affected Silicon Revisions
5. Module: I/O (PORTB)
When RB5 is configured as an open-drain output,
it remains in a high-impedance state. The settings
of LATB5 and TRISB5 have no effect on the pin’s
state.
Work around
If open-drain operation is not required, configure
RB5 as a regular I/O (ODCB<5> = 0).
If open-drain operation is required, there are two
options:
• select a different I/O pin for the open-drain
function; or
• place an external transistor on the pin, and
configure the pin as a regular I/O.
Affected Silicon Revisions
Note:
This document summarizes all silicon
errata issues from all revisions of silicon,
previous as well as current. Only the
issues indicated by the shaded column in
the following tables apply to the current
silicon revision (A5).
A3
A5
A6
XX
X
A3
A5
A6
X
A3
A5
A6
XX
X
A3
A5
A6
X
A3
A5
A6
X


Similar Part No. - PIC24FJ256GA110

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
5Mb / 22P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
11/29/12
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
2Mb / 330P
   64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
2010
PIC24FJ256GA110-I MICROCHIP-PIC24FJ256GA110-I Datasheet
3Mb / 292P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110_10 Datasheet
2Mb / 330P
   64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
2010
More results

Similar Description - PIC24FJ256GA110

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GB106-I-PT MICROCHIP-PIC24FJ64GB106-I-PT Datasheet
370Kb / 22P
   PIC24FJ256GB110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ32GA002-I-ML MICROCHIP-PIC24FJ32GA002-I-ML Datasheet
216Kb / 24P
   PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC18F67J50-I MICROCHIP-PIC18F67J50-I Datasheet
271Kb / 16P
   PIC18F87J50 Family Silicon Errata and Data Sheet Clarification
03/26/09
PIC18F46J50 MICROCHIP-PIC18F46J50 Datasheet
217Kb / 12P
   PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
2010
PIC18F46K80-E-PT MICROCHIP-PIC18F46K80-E-PT Datasheet
128Kb / 12P
   PIC18F66K80 Family Silicon Errata and Data Sheet Clarification
11/29/11
PIC24F04KA201 MICROCHIP-PIC24F04KA201_11 Datasheet
97Kb / 8P
   Silicon Errata and Data Sheet Clarification
2011
KSZ8041 MICROCHIP-KSZ8041 Datasheet
136Kb / 4P
   KSZ8041 Silicon Errata and Data Sheet Clarification
05-05-16
ATSAME54P19A MICROCHIP-ATSAME54P19A Datasheet
249Kb / 22P
   SAM D5x/E5x Family Silicon Errata and Data Sheet Clarification
2017
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101_13 Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS202-EMM MICROCHIP-DSPIC33FJ06GS202-EMM Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com