Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6329818-1 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 6329818-1
Description  RF Coax Products
Download  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6329818-1 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 6329818-1 Datasheet HTML 4Page - Tyco Electronics 6329818-1 Datasheet HTML 5Page - Tyco Electronics 6329818-1 Datasheet HTML 6Page - Tyco Electronics 6329818-1 Datasheet HTML 7Page - Tyco Electronics 6329818-1 Datasheet HTML 8Page - Tyco Electronics 6329818-1 Datasheet HTML 9Page - Tyco Electronics 6329818-1 Datasheet HTML 10Page - Tyco Electronics 6329818-1 Datasheet HTML 11Page - Tyco Electronics 6329818-1 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 320 page
background image
8
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
7-16 Series Connectors (Continued)
Materials
Female Contacts (inner and outer)
Beryllium Copper
Other Metal Parts
Brass
Insulators
Fluorocarbon Polymer
Gaskets
Silicone Rubber
Finishes
Parts in the electrical path
Silver over copper
Other Metal Parts
White Bronze
Electrical
Frequency Range
DC-7GHz
Impedance
50 Ohms
Insulation Resistance
10,000 Megohms Minimum
2.7kV (connector)
Maximum Working Voltage rms (sea level)
1.4kV (versions for RG 213, 214 and 393)
Maximum Proof Voltage rms (sea level)
2.7kV (connector)
1.4kV (versions for RG 213, 214 and 393)
Center Contact Resistance
0.8 milliohm (max.) after conditioning
Insertion Loss
<1.5dB to 5 GHz
VSWR
1.02 + 0.03f up to 7 GHz
where f is measured in GHz
Intermodulation
Better than –150dBc
Mechanical
Coupling Torque
18.5 – 22 ft.-lbs.
Proof Torque
25 ft.-lbs.
Mechanical Endurance
500 mating cycles
Environmental
Temperature Rating
–55°C to +155°C
General Specifications


Similar Part No. - 6329818-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632905731122 ETC2-632905731122 Datasheet
343Kb / 2P
   CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
logo
Wurth Elektronik GmbH &...
632905731122 WURTH-632905731122 Datasheet
388Kb / 2P
   CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
logo
List of Unclassifed Man...
632910731131 ETC2-632910731131 Datasheet
314Kb / 2P
   CABLE USB 3.1 C MALE TO USB 3.1 A MALE
logo
Wurth Elektronik GmbH &...
632910731131 WURTH-632910731131 Datasheet
360Kb / 2P
   CABLE USB 3.1 C MALE TO USB 3.1 A MALE
logo
List of Unclassifed Man...
632910731611 ETC2-632910731611 Datasheet
321Kb / 2P
   CABLE USB 3.1 C MALE TO MICRO USB 2.0 MALE
More results

Similar Description - 6329818-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
SMB MACOM-SMB Datasheet
503Kb / 17P
   RF Coax Connectors
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
AVX Corporation
L06031R2CGSTR AVX-L06031R2CGSTR Datasheet
123Kb / 5P
   For RoHS compliant products, SMD High-Q RF Inductor
logo
Rosenberger Hochfrequen...
LH1-032-XXX-Y ROSENBERGER-LH1-032-XXX-Y Datasheet
75Kb / 2P
   CABLE ASSEMBLY MICRO RF / FAKRA-MICRO COAX
logo
Murata Manufacturing Co...
RX5501 MURATA-RX5501 Datasheet
227Kb / 10P
   RFM products are now Murata products
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
   RFM products are now Murata products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com