Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5-104652-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 5-104652-2
Description  Fine Pitch SMT Stacking Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5-104652-2 Datasheet(HTML) 2 Page - Tyco Electronics

  5-104652-2 Datasheet HTML 1Page - Tyco Electronics 5-104652-2 Datasheet HTML 2Page - Tyco Electronics 5-104652-2 Datasheet HTML 3Page - Tyco Electronics 5-104652-2 Datasheet HTML 4Page - Tyco Electronics 5-104652-2 Datasheet HTML 5Page - Tyco Electronics 5-104652-2 Datasheet HTML 6Page - Tyco Electronics 5-104652-2 Datasheet HTML 7Page - Tyco Electronics 5-104652-2 Datasheet HTML 8Page - Tyco Electronics 5-104652-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
89
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Page_Head (Continued)
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
AMPMODU 50/50 Grid Connectors
Product Facts
Surface-mount products for
parallel board-to-board
applications, as well as
right angle board-to-board
and cable-to-board
applications
High density 1.27 x 1.27
[.050 x .050] centerline grid
Three board-to-board stack
heights: 6.35 [.250], 8.13
[.320] and 9.91 [.390]
Non-protrusive metallic
holddowns
Reliable dual beam
receptacle contacts for
redundant contact
Duplex plated receptacle
and post contacts; gold
plated on mating areas,
tin-lead plated on tails
Compatible with standard
surface-mount processing
(VPR and IR)
Receptacle and header
allow for drainage of
processing fluids
Tape and reel packaging
available, contact
Tyco Electronics for details
Polarized header and
receptacle assemblies
Sizes of 10, 20, 30, 40, 50,
60, 70, 80 and 100 positions
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
Certified by Canadian
Standards
Association
File No. LR7189
R
R
AMPMODU 50/50 Grid
Vertical Headers and
Receptacles are designed
for parallel board-to-board
stacking in high density
applications.
Right angle board-to-board
and cable-to-board applica-
tions are also possible,
since the vertical recepta-
cles also mate with non-
latching right angle headers
(page 95) and the vertical
headers also mate with non-
latching cable connectors.
Available are dual-row,
vertical shrouded headers
and receptacles in sizes
ranging from 10 through
100 positions (in 10 position
increments).
Parallel board-to-board
stack heights of 6.35 [.250],
8.13 [.320] and 9.91 [.390]
are achievable by selection
of the appropriate header.
The receptacle is the same
for all three stack height
headers.
Non-protrusive metallic
holddowns are designed for
use in 1.57 [.062] or thicker
PC boards and allow sur-
face mounting to both sides
of the board. In addition to
providing retention during
processing, the holddowns
are soldered during reflow
and therefore provide long
term strain relief for the lead
solder joints.
AMPMODU 50/50 Grid
Vertical Headers and
Receptacles are compatible
with standard surface-
mount processes; IR
(infrared) and VPR (vapor
phase reflow). The surface-
mount connectors have
been designed so that
dimensioning, tolerances,
referenced datums, hold-
down characteristics and
packaging methods result
in a system that is compati-
ble with robotic assembly.
The headers and recepta-
cles feature polarization to
prevent misalignment.
Three Board Stack Heights
Non-Protrusive
Metallic Holddowns
6.35 ± 0.15
[.250 ± .006]
8.13 ± 0.15
[.320 ± .006]
9.91 ± 0.15
[.390 ± .006]
See Catalog 1307819 for
additional AMPMODU product
offerings.


Similar Part No. - 5-104652-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104652-2 MACOM-5-104652-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
5-104652-2 MACOM-5-104652-2 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 5-104652-2

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
14-5602-030-000-829 AVX-14-5602-030-000-829 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
5602 AVX-5602 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
   Fine Pitch SMT Board to Board Connectors
logo
Omron Electronics LLC
XH4A OMRON-XH4A Datasheet
885Kb / 8P
   Half-pitch Low-profile Stacking Connectors
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
Molex Electronics Ltd.
5024305010 MOLEX11-5024305010 Datasheet
485Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking
5015313410 MOLEX11-5015313410 Datasheet
227Kb / 5P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.30mm (.051") Stacking
5024302230 MOLEX11-5024302230 Datasheet
526Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
5024302030 MOLEX11-5024302030 Datasheet
527Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com