Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KSC2752 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. KSC2752
Description  High Speed High Voltage Swiching Industrial Use
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

KSC2752 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Switching Time
Figure 5. Safe Operating Area
Figure 6. Reverse Bias Safe Operating Area
0
1
23
45
0.0
0.1
0.2
0.3
0.4
0.5
I
B
= 40mA
I
B = 25mA
I
B = 20mA
I
B = 15mA
I
B
= 10mA
I
B = 45mA
I
B = 50mA
I
B
= 35mA
I
B
= 30mA
I
B
= 5mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.1
1
10
100
1000
1
10
100
1000
VCE = 5V
VCE = 2V
VCE = 2V, 5V
Pulsed
IC[mA], COLLECTOR CURRENT
0.1
1
10
100
1000
0.01
0.1
1
10
I
C
= 5 I
B
Pulsed
V
CE(sat)
V
BE(sat)
I
C[mA], COLLECTOR CURRENT
10
100
1000
0.01
0.1
1
10
I
C = 5 IB1 = -5 IB2
t
F
t
ON
t
STG
I
C[mA], COLLECTOR CURRENT
1
10
100
1000
1E-3
0.01
0.1
1
10
10
0us
Di
ssipat
ion
Lim
ited
PW
=
1
0us
1m
s
I
C
(Pulse) MAX.
DC
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
100
200
300
400
500
0.0
0.2
0.4
0.6
0.8
1.0
V
CE[V], COLLECTOR-EMITTER VOLTAGE


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn