Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KSC2752 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. KSC2752
Description  High Speed High Voltage Swiching Industrial Use
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

KSC2752 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
* PW
≤300µs, Duty Cycle≤10%
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤350µs, Duty Cycle≤2% Pulsed
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
500
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current (DC)
0.5
A
ICP
*Collector Current (Pulse)
1
A
IB
Base Current (DC)
0.25
A
PC
Collector Dissipation (Ta=25°C)
1
W
PC
Collector Dissipation (TC=25°C)
10
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
IC = 0.3A, IB1 = 0.06A, L = 10mH
400
V
VCEX(sus)1
Collector-Emitter Sustaining Voltage
IC = 0.3A, IB1 = -IB2 = 0.06A
VBE(off) = -5V, L =10mH, Clamped
450
V
VCEX(sus)2
Collector-Emitter Sustaining Voltage
IC = 0.6A, IB1 = 0.2A, IB2 = -0.06A
VBE(off) = -5V, L = 10mH, Clamped
400
V
ICBO
Collector Cut-off Current
VCB = 400V, IE = 0
10
µA
ICER
Collector Cut-off Current
VCE = 400V, RBE = 51Ω, TC= 125°C
1
mA
ICEX1
Collector Cut-off Current
VCE = 400V, RBE(off) = -1.5V
10
µA
ICEX2
Collector Cut-off Current
VCE = 400V, RBE(off) = -1.5V
@ TC= 125°C
1mA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
10
µA
hFE1
hFE2
* DC Current Gain
VCE = 5V, IC = 0.05A
VCE = 5V, IC = 0.3A
20
10
80
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = 0.3A, IB = 0.06A
1
V
VBE(sat)
* Base-Emitter Saturation Voltage
IC = 0.3A, IB = 0.06A
2
V
tON
Turn ON Time
VCC = 150V, IC = 0.3A
IB1 = -IB2 = 0.06A, RL = 500Ω
PW = 50
µs, Duty Cycle≤2%
1
µs
tSTG
Storage Time
2.5
µs
tF
Fall Time
1
µs
Classification
R
O
Y
hFE1
20 ~ 40
30 ~ 60
40 ~ 80
KSC2752
High Speed
High Voltage Swiching Industrial Use
1
TO-126
1. Emitter
2.Collector
3.Base


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn