Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KSC2751 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. KSC2751
Description  High Speed High Current Switching Industrial Use
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC2751 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSC2751 Datasheet HTML 1Page - Fairchild Semiconductor KSC2751 Datasheet HTML 2Page - Fairchild Semiconductor KSC2751 Datasheet HTML 3Page - Fairchild Semiconductor KSC2751 Datasheet HTML 4Page - Fairchild Semiconductor KSC2751 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Switching Time
Figure 5. Safe Operating Area
Figure 6. Reverse Bias Safe Operating Area
01
234
5
0
2
4
6
8
10
12
14
16
18
20
I
B
= 1.6A
I
B = 1.0A
I
B = 0.8A
I
B
= 0.6A
I
B = 0.4A
I
B
= 1.8A
I
B = 2.0A
I
B = 1.4A
I
B = 1.2A
I
B
= 0.2A
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
100
1
10
100
1000
V
CE = 5V
Pulsed
I
C[A], COLLECTOR CURRENT
0.01
0.1
1
10
100
0.01
0.1
1
10
I
C
= 5 I
B
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
0.1
1
10
0.1
1
10
100
I
C = 5 IB1 = -5 IB2
Pulsed, V
CC
= 150V
t
F
t
ON
t
STG
I
C[A], COLLECTOR CURRENT
1
10
100
1000
0.01
0.1
1
10
100
100u
s
Diss
ipat
ion
Lim
ited
PW
= 10u
s
I
C(Pulse) MAX.
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
100
200
300
400
500
0
10
20
V
CE[V], COLLECTOR-EMITTER VOLTAGE


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn