Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KSC2690 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. KSC2690
Description  Audio Frequency High Frequency Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC2690 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSC2690 Datasheet HTML 1Page - Fairchild Semiconductor KSC2690 Datasheet HTML 2Page - Fairchild Semiconductor KSC2690 Datasheet HTML 3Page - Fairchild Semiconductor KSC2690 Datasheet HTML 4Page - Fairchild Semiconductor KSC2690 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
* PW
≤10ms, Duty Cycle≤50%
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤350µs, Duty Cycle≤2% Pulsed
hFE Classificntion
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: KSC2690
: KSC2690A
120
160
V
V
VCEO
Collector- Emitter Voltage
: KSC2690
: KSC2690A
120
160
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
1.2
A
ICP
*Collector Current (Pulse)
2.5
A
IB
Base Current(DC)
0.3
A
PC
Collector Dissipation (Ta=25°C)
1.2
W
PC
Collector Dissipation (TC=25°C)
20
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB = 120V, IE = 0
1
µA
IEBO
Emitter Cut-off Current
VEB = 3V, IC= 0
1
µA
hFE1
hFE2
* DC Current Gain
VCE = 5V, IC = 5mA
VCE = 5V, IC = 0.3A
35
60
105
140
320
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = 1A, IB = 0.2A
0.4
0.7
V
VBE(sat)
* Base-Emitter Saturation Voltage
IC = 1A, IB = 0.2A
1
1.3
V
fT
Current Gain Bandwidth Product
VCE = 5V, IC = 0.2A
155
MHz
Cob
Output Capacitance
VCB =10V, IE =0, f = 1MHz
19
pF
Classification
R
O
Y
hFE2
60 ~ 120
100 ~ 200
160 ~ 320
KSC2690/2690A
Audio Frequency
High Frequency Power Amplifier
• Complement to KSA1220/KSA1220A
1
TO-126
1. Emitter
2.Collector
3.Base


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn