Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJM0407JSC-00-12 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RJM0407JSC-00-12
Description  40 V - 20 A - N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJM0407JSC-00-12 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RJM0407JSC-00-12 Datasheet HTML 4Page - Renesas Technology Corp RJM0407JSC-00-12 Datasheet HTML 5Page - Renesas Technology Corp RJM0407JSC-00-12 Datasheet HTML 6Page - Renesas Technology Corp RJM0407JSC-00-12 Datasheet HTML 7Page - Renesas Technology Corp RJM0407JSC-00-12 Datasheet HTML 8Page - Renesas Technology Corp RJM0407JSC-00-12 Datasheet HTML 9Page - Renesas Technology Corp RJM0407JSC-00-12 Datasheet HTML 10Page - Renesas Technology Corp RJM0407JSC-00-12 Datasheet HTML 11Page - Renesas Technology Corp RJM0407JSC-00-12 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RJM0407JSC
Preliminary
R07DS0368EJ0100 Rev.1.00
Page 11 of 11
Sep 20, 2012
Package Dimensions
14.25
10.9
13.95
1.8
0.1
1.27
14.0
14.4
0.47
0.40
A1
11.1
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
3.6
0.95
0.8
0.65
0.30
11.0
0.10
0.05
0.01
0.53
0.45
0.37
0.32
0.28
14.2
0.25
14.1
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
e
L
A
Index mark
1
y
xM
p
*3
*1
F
10
20
11
BOTTOM VIEW
2.98
2.98
1.38
1.38
12.1
D
15.9 ±0.1
Z
b
Terminal cross section
p
1
b
b
Detail F
L
θ
NOTE)
1. DIMENSIONS"
*1"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
P-HSOP20-11x14.1-1.27
2.0g
MASS[Typ.]
PRSP0020DF-A
RENESAS Code
JEITA Package Code
Previous Code
Ordering Information
Orderable Part Number
Quantity
Shipping Container
RJM0407JSC-00-12
700 pcs
Tray
Note:
The symbol of 2nd "-" is occasionally presented as "#".


Similar Part No. - RJM0407JSC-00-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJM0404JSC RENESAS-RJM0404JSC Datasheet
155Kb / 12P
   Silicon N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
RJM0404JSC RENESAS-RJM0404JSC_15 Datasheet
155Kb / 12P
   Silicon N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
More results

Similar Description - RJM0407JSC-00-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJM0404JSC RENESAS-RJM0404JSC Datasheet
155Kb / 12P
   Silicon N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
RJM0603JSC RENESAS-RJM0603JSC_15 Datasheet
156Kb / 12P
   Silicon N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
RJM0603JSC RENESAS-RJM0603JSC Datasheet
156Kb / 12P
   Silicon N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
RJM0404JSC RENESAS-RJM0404JSC_15 Datasheet
155Kb / 12P
   Silicon N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
RJK0632JPD RENESAS-RJK0632JPD_15 Datasheet
102Kb / 7P
   60 V, 20 A Silicon N Channel MOS FET High Speed Power Switching
HAT3015R RENESAS-HAT3015R_15 Datasheet
82Kb / 6P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
RJM0306JSP RENESAS-RJM0306JSP_10 Datasheet
127Kb / 12P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT3008RJ HITACHI-HAT3008RJ Datasheet
81Kb / 15P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT3010R RENESAS-HAT3010R Datasheet
149Kb / 16P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
HAT3015T RENESAS-HAT3015T Datasheet
88Kb / 4P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com