Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PY08 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # PY08
Description  Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PY08 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button PY08 Datasheet HTML 3Page - Omron Electronics LLC PY08 Datasheet HTML 4Page - Omron Electronics LLC PY08 Datasheet HTML 5Page - Omron Electronics LLC PY08 Datasheet HTML 6Page - Omron Electronics LLC PY08 Datasheet HTML 7Page - Omron Electronics LLC PY08 Datasheet HTML 8Page - Omron Electronics LLC PY08 Datasheet HTML 9Page - Omron Electronics LLC PY08 Datasheet HTML 10Page - Omron Electronics LLC PY08 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
H3YN
7
Operation
■ Timing Chart
Note: t: Set time
Rt: Reset time
Operating mode
Timing chart
H3YN-2/-21
H3YN-4/-41
ON-delay
Power
Output
Power (13-14)
Time limit contact
NC (9-1, 12-4)
Time limit contact
NO (9-5, 12-8)
Run/Power indicator
(PW)
Output indicator
Power (13-14)
Time limit contact
NC (9-1, 10-2, 11-3,
12-4)
Time limit contact
NO (9-5, 10-6, 11-7,
12-8)
Run/Power indicator
(PW)
Output indicator
(UP)
Interval
Power
Output
Power (13-14)
Time limit contact
NC (9-1, 12-4)
Time limit contact
NO (9-5, 12-8)
Run/Power
indicator (PW)
Output indicator
(UP)
Power (13-14)
Time limit contact
NC (9-1, 10-2, 11-3,
12-4)
Time limit contact
NO (9-5, 10-6, 11-7,
12-8)
Run/Power
indicator (PW)
Output indicator
(UP)
Flicker OFF-start
Power
Output
Power (13-14)
Time limit contact
NC (9-1, 12-4)
Time limit contact
NO (9-5, 12-8)
Run/Power indicator
(PW)
Output indicator
(UP)
Power (13-14)
Time limit contact
NC (9-1, 10-2, 11-3,
12-4)
Time limit contact
NO (9-5, 10-6, 11-7,
12-8)
Run/Power indicator
(PW)
Output indicator
(UP)
Flicker ON-start
Power
Output
Power (13-14)
Time limit contact
NC (9-1, 12-4)
Time limit contact
NO (9-5, 12-8)
Run/Power
indicator (PW)
Output indicator
(UP)
Power (13-14)
Time limit contact
NC (9-1, 10-2, 11-3,
12-4)
Time limit contact
NO (9-5, 10-6, 11-7,
12-8)
Run/Power
indicator (PW)
Output indicator
(UP)


Similar Part No. - PY08

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PY08-02 OMRON-PY08-02 Datasheet
590Kb / 16P
   Versatile and Function-filled Miniature Power
PY08-02 OMRON-PY08-02 Datasheet
806Kb / 8P
   International Standards for G3F Series, Same Profile as MY Power Relays
PY08-02 OMRON-PY08-02 Datasheet
617Kb / 5P
   100-關A-max. Leakage Current, No Bleeder Resistor Required
More results

Similar Description - PY08

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3YN OMRON-H3YN Datasheet
396Kb / 12P
   Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
logo
STMicroelectronics
MP23DB01HP STMICROELECTRONICS-MP23DB01HP Datasheet
710Kb / 15P
   digital microphone with multiple performance modes
July 2020 Rev 2
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC_08 Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
logo
Texas Instruments
TPS25942A TI1-TPS25942A Datasheet
3Mb / 54P
[Old version datasheet]   5A eFuse Power MUX with Multiple Protection Modes
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
logo
Knowles Electronics
SPH1668LM4H-1 KNOWLES-SPH1668LM4H-1 Datasheet
798Kb / 14P
   Digital Zero-Height SiSonicTM Microphone With Multiple Performance Modes
logo
STMicroelectronics
MP23DB02MM STMICROELECTRONICS-MP23DB02MM Datasheet
1Mb / 15P
   MEMS audio sensor: digital microphone with multiple performance modes
March 2022 Rev 3
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Micross Components
AS8FLC2M32 MICROSS-AS8FLC2M32 Datasheet
369Kb / 29P
   Available in multiple Access time variations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com