Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-1003A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-1003A
Description  Slot-type Reflective Photomicrosensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1003A Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-1003A Datasheet HTML 1Page - Omron Electronics LLC EE-1003A Datasheet HTML 2Page - Omron Electronics LLC EE-1003A Datasheet HTML 3Page - Omron Electronics LLC EE-1003A Datasheet HTML 4Page - Omron Electronics LLC EE-1003A Datasheet HTML 5Page - Omron Electronics LLC EE-1003A Datasheet HTML 6Page - Omron Electronics LLC EE-1003A Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
EE-SPX301/401 EE-SPY30/40
Ratings and Specifications
*1. Operation may not be possible near the Sensor.
*2. The indicator is a GaP red LED (peak wavelength: 700 nm).
*3. The response frequency was measured by detecting the following rotating disk.
Sensing method
Through-beam type (with slot)
Reflective type
Item
Models
EE-SPX301, EE-SPX401
EE-SPY301, EE-SPY401
EE-SPY302, EE-SPY402
Sensing distance
3.6 mm (slot width)
5 mm (Reflection factor: 90%; white paper
15
× 15 mm) *1
Sensing object
Opaque: 1
× 0.5 mm min.
---
Differential distance
0.05 mm max.
0.2 mm max.
(with a sensing distance of 3 mm, horizontally)
Light source
GaAs infrared LED with a peak wavelength of 940 nm
Indicator *2
Light indicator (red)
Supply voltage
5 to 24 VDC ±10%, ripple (p-p): 5% max.
Current consumption
Average: 15 mA max., Peak: 50 mA max.
Control output
NPN voltage output:
Load power supply voltage: 5 to 24 VDC
Load current: 80 mA max.
OFF current: 0.5 mA max.
80 mA load current with a residual voltage of 1.0 V max.
10 mA load current with a residual voltage of 0.4 V max.
Response frequency *3
500 Hz min.
100 Hz min.
Ambient illumination
3,000 lx max. with incandescent light or sunlight on the surface of the receiver
Ambient temperature range
Operating:
−10 to +55°C
Storage:
−25 to +65°C (with no icing)
Ambient humidity range
Operating: 5% to 85%
Storage:
5% to 95% (with no condensation)
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 h each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 for 3 times each in X, Y, and Z directions
Degree of protection
IEC IP50
Connecting method
Special connector (soldering not possible)
Weight
Approx. 2.6 g
Material
Case
Polycarbonate
15 mm
15 mm
15 mm
Disk
Disk
200 mm
dia.
Disk
2 mm
2 mm
2 mm
EE-SPX301
EE-SPX401
EE-SPY30
@
EE-SPY40
@


Similar Part No. - EE-1003A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-1003A OMRON-EE-1003A Datasheet
675Kb / 7P
   Slot-type Reflective Photomicrosensor
2012.8
More results

Similar Description - EE-1003A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SPY30 OMRON-EE-SPY30 Datasheet
675Kb / 7P
   Slot-type Reflective Photomicrosensor
2012.8
EE-SY310 OMRON-EE-SY310 Datasheet
221Kb / 4P
   Photomicrosensor (Reflective)
EE-SY171 OMRON-EE-SY171 Datasheet
241Kb / 4P
   Photomicrosensor (Reflective)
EE-SY110 OMRON-EE-SY110 Datasheet
252Kb / 4P
   Photomicrosensor (Reflective)
EE-SY201 OMRON-EE-SY201 Datasheet
174Kb / 2P
   Photomicrosensor (Reflective)
EE-SY169 OMRON-EE-SY169 Datasheet
671Kb / 4P
   Photomicrosensor (Reflective)
EE-SF5 OMRON-EE-SF5 Datasheet
722Kb / 4P
   Photomicrosensor (Reflective)
EE-SY313 OMRON-EE-SY313 Datasheet
219Kb / 4P
   Photomicrosensor (Reflective)
EE-SY124 OMRON-EE-SY124 Datasheet
372Kb / 4P
   Photomicrosensor (Reflective)
EE-SY113 OMRON-EE-SY113 Datasheet
253Kb / 4P
   Photomicrosensor (Reflective)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com