Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-SX198 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # EE-SX198
Description  Miniature Transmissive Photomicrosensor with 2- to 8-mm Slot Width and Phototransistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX198 Datasheet(HTML) 5 Page - Omron Electronics LLC

  EE-SX198 Datasheet HTML 1Page - Omron Electronics LLC EE-SX198 Datasheet HTML 2Page - Omron Electronics LLC EE-SX198 Datasheet HTML 3Page - Omron Electronics LLC EE-SX198 Datasheet HTML 4Page - Omron Electronics LLC EE-SX198 Datasheet HTML 5Page - Omron Electronics LLC EE-SX198 Datasheet HTML 6Page - Omron Electronics LLC EE-SX198 Datasheet HTML 7Page - Omron Electronics LLC EE-SX198 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EE-SX198/199/1018/1025/1041/1042/1070/1071
EE-SX198/199/1018/1025/1041/1042/1070/1071
EE-SX1041/1042/1070/1071
IF =20 mA
VCE =10 V
IF =10 mA
VCE =10 V
Ambient temperature TA (°C)
 SENSING POSITION CHARACTERISTICS (TYPICAL)
EE-SX198/199
TA =25 °C
IF =20 mA
VCE =5 V
Distance d (mm)
d
EE-SX1018
TA =25 °C
IF =20 mA
VCE =10 V
Distance d (mm)
d
EE-SX1025
TA =25 °C
IF =20 mA
VCE =10 V
Distance d (mm)
d
EE-SX1041
Distance d (mm)
TA =25 °C
IF =20 mA
VCE =10 V
d
EE-SX1042
Distance d (mm)
TA =25 °C
IF =20 mA
VCE =10 V
d
EE-SX1070/1071
Distance d (mm)
TA =25 °C
IF =20 mA
VCE =10 V
d


Similar Part No. - EE-SX198

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EE-SX198 ETC-EE-SX198 Datasheet
173Kb / 2P
   Photomicrosensor (Transmissive)
logo
Omron Electronics LLC
EE-SX198 OMRON-EE-SX198 Datasheet
640Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX198 OMRON-EE-SX198 Datasheet
318Kb / 8P
   Miniature Transmissive Photomicrosensor with 2- to 8-mm Slot Width and Phototransistor Output
More results

Similar Description - EE-SX198

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EESX1025 OMRON-EESX1025 Datasheet
318Kb / 8P
   Miniature Transmissive Photomicrosensor with 2- to 8-mm Slot Width and Phototransistor Output
logo
List of Unclassifed Man...
EE-SX1103 ETC-EE-SX1103 Datasheet
224Kb / 2P
   Photomicrosensor (Transmissive)
logo
Omron Electronics LLC
EE-SX1035 OMRON-EE-SX1035 Datasheet
645Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1096 OMRON-EE-SX1096 Datasheet
660Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX4235A-P2 OMRON-EE-SX4235A-P2 Datasheet
547Kb / 4P
   Photomicrosensor (Transmissive)
EE-SH3 OMRON-EE-SH3_1 Datasheet
263Kb / 4P
   Photomicrosensor (Transmissive)
EE-SJ3 OMRON-EE-SJ3 Datasheet
249Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1057 OMRON-EE-SX1057 Datasheet
230Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX3133 OMRON-EE-SX3133 Datasheet
95Kb / 4P
   Photo IC Output Photomicrosensor (Transmissive)
EE-SJ3-C OMRON-EE-SJ3-C Datasheet
430Kb / 3P
   Photomicrosensor (Transmissive)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com