Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT451U7AFR8C-PB Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HMT451U7AFR8C-PB
Description  DDR3 SDRAM Unbuffered DIMMs Based on 4Gb A-Die
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT451U7AFR8C-PB Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HMT451U7AFR8C-PB Datasheet HTML 7Page - Hynix Semiconductor HMT451U7AFR8C-PB Datasheet HTML 8Page - Hynix Semiconductor HMT451U7AFR8C-PB Datasheet HTML 9Page - Hynix Semiconductor HMT451U7AFR8C-PB Datasheet HTML 10Page - Hynix Semiconductor HMT451U7AFR8C-PB Datasheet HTML 11Page - Hynix Semiconductor HMT451U7AFR8C-PB Datasheet HTML 12Page - Hynix Semiconductor HMT451U7AFR8C-PB Datasheet HTML 13Page - Hynix Semiconductor HMT451U7AFR8C-PB Datasheet HTML 14Page - Hynix Semiconductor HMT451U7AFR8C-PB Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Rev. 1.1 / Jul. 2013
11
Functional Block Diagram
2GB, 256Mx64 Module(1Rank of x16)
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
I/O 0
I/O 1
I/O 2
I/O 3
D0
DM0
I/O 4
I/O 5
I/O 6
I/O 7
DQ12
DQ13
DQ14
DQ8
DQ9
DQ10
DQ11
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
DM1
A0–A14
A0–A14: SDRAMs D0–D3
A0
Serial PD
A1
SA0
SA1
SDA
RAS
RAS: SDRAMs D0–D3
CAS
CAS: SDRAMs D0–D3
CKE0
CKE: SDRAMs D0–D3
WE
WE: SDRAMs D0–D3
CS
CS
CS
BA0–BA2
BA0–BA2: SDRAMs D0–D3
DQS0
DQS1
DQ15
I/O 15
VSS
D0–D3
VDD/VDDQ
D0–D3
D0–D3
VREFDQ
Notes:
1. DQ-to-I/O wiring is shown as recom-
mended but may be changed.
2. DQ/DQS/DQS/ODT/DM/CKE/S relation-
ships must be maintained as shown.
3. DQ,DM,DQS,DQS resistors;Refer to asso-
ciated topology diagram.
4. Refer to the appropriate clock wiring
topology under the DIMM wiring details
section of this document.
5. The pair CK1 and CK1# is terminated in
75ohm but is not used on the module.
6. A15 is not routed on the module.
7. For each DRAM, a unique ZQ resistor is
connected to ground.The ZQ resistor is
240ohm+-1%
8. One SPD exists per module.
SCL
WP
SPD
VDDSPD
ODT0
DQS0
DQS1
ODT: SDRAMs D0–D3
S0
CK0
CK: SDRAMs D0–D3
SA2
D0–D3
VREFCA
A2
CK0CK: SDRAMs D0–D3
LDQS
LDQS
LDM
UDQS
UDQS
UDM
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
I/O 0
I/O 1
I/O 2
I/O 3
D1
DM2
I/O 4
I/O 5
I/O 6
I/O 7
DQ28
DQ29
DQ30
DQ24
DQ25
DQ26
DQ27
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
DM3
CS
DQS2
DQS3
DQ31
I/O 15
DQS2
DQS3
LDQS
LDQS
LDM
UDQS
UDQS
UDM
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
I/O 0
I/O 1
I/O 2
I/O 3
D2
DM4
I/O 4
I/O 5
I/O 6
I/O 7
DQ44
DQ45
DQ46
DQ40
DQ41
DQ42
DQ43
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
DM5
CS
CS
CS
DQS4
DQS5
DQ47
I/O 15
DQS4
DQS5
LDQS
LDQS
LDM
UDQS
UDQS
UDM
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
I/O 0
I/O 1
I/O 2
I/O 3
D3
DM6
I/O 4
I/O 5
I/O 6
I/O 7
DQ60
DQ61
DQ62
DQ56
DQ57
DQ58
DQ59
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
DM7
CS
DQS6
DQS7
DQ63
I/O 15
DQS6
DQS7
LDQS
LDQS
LDM
UDQS
UDQS
UDM
RESET
RESET:SDRAMs D0-D3
ZQ
ZQ
ZQ
ZQ


Similar Part No. - HMT451U7AFR8C-PB

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT451U7AFR8A-G7 HYNIX-HMT451U7AFR8A-G7 Datasheet
1Mb / 60P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb A-Die
HMT451U7AFR8A-H9 HYNIX-HMT451U7AFR8A-H9 Datasheet
1Mb / 60P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb A-Die
HMT451U7AFR8A-PB HYNIX-HMT451U7AFR8A-PB Datasheet
1Mb / 60P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb A-Die
More results

Similar Description - HMT451U7AFR8C-PB

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT451U6MFR8C HYNIX-HMT451U6MFR8C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT425U6AFR6A HYNIX-HMT425U6AFR6A Datasheet
1Mb / 60P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb A-Die
HMT425S6AFR6C HYNIX-HMT425S6AFR6C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT41GU6MFR8A HYNIX-HMT41GU6MFR8A Datasheet
1Mb / 52P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT451U6DFR8A HYNIX-HMT451U6DFR8A Datasheet
802Kb / 57P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb D-Die
HMT451U6BFR8A HYNIX-HMT451U6BFR8A Datasheet
802Kb / 57P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb B-Die
HMT325U6CFR8C HYNIX-HMT325U6CFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325U6EFR8C HYNIX-HMT325U6EFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb E-Die
HMT425S6MFR6C HYNIX-HMT425S6MFR6C Datasheet
1Mb / 52P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT451R7AFR8C HYNIX-HMT451R7AFR8C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com