Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM7332G Datasheet(PDF) 6 Page - Power-One

Part # DM7332G
Description  DM7300G Series Digital Power Manager
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DM7332G Datasheet(HTML) 6 Page - Power-One

Back Button DM7332G Datasheet HTML 2Page - Power-One DM7332G Datasheet HTML 3Page - Power-One DM7332G Datasheet HTML 4Page - Power-One DM7332G Datasheet HTML 5Page - Power-One DM7332G Datasheet HTML 6Page - Power-One DM7332G Datasheet HTML 7Page - Power-One DM7332G Datasheet HTML 8Page - Power-One DM7332G Datasheet HTML 9Page - Power-One DM7332G Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ZD-00896 Rev. 5.2, 9-Apr-13
www.power-one.com
Page 6 of 36
8.3
Signal Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
SYNC/DATA Line
SDpu
SD pull up resistor
5
k
SDthrL
SD input low voltage threshold
0.31·VDD
0.52·VDD
V
SDthrH
SD input high voltage threshold
0.45·VDD
0.81·VDD
V
SDhys
SD input hysteresis
0.37
1.1
V
SDsink
SD sink capability (VSD=0.5V)
30
mA
Freq_sd
Clock frequency
450
550
kHz
Tsynq
Sync pulse duration
22
28
% of clock
cycle
T0
Data=0 pulse duration
72
78
% of clock
cycle
Interrupt Inputs (INT_N[3:0])
Rpu3
Pull up resistor
30
k
VthrL3
Input low voltage threshold
0.31·VDD
0.52·VDD
V
VthrH3
Input high voltage threshold
0.45·VDD
0.81·VDD
V
Vhys3
Input hysteresis
0.37
1.1
V
ADDR[3:0], ACFAIL_N, RES_N, LCK_N, PG[3:0] Inputs
Rpu1
Pull up resistor
20
50
k
VthrL1
Input low voltage
-0.5
0.2·VDD
V
VthrH1
Input high voltage
0.7·VDD
VDD+0.5
V
HRES_N Input
Rpu2
HRES_N pull up resistor (with series
diode, see note 1)
30
60
k
VthrL2
HRES_N input low voltage
-0.5
0.2·VDD
V
VthrH2
HRES_N input high voltage
0.9·VDD
VDD+0.5
V
Inputs/Outputs (OK_A, OK_B, OK_C, OK_D)
OKpu
OK pull up resistor
5
k
OKthrL
OK input low voltage threshold
0.31·VDD
0.52·VDD
V
OKthrH
OK input high voltage threshold
0.45·VDD
0.81·VDD
V
OKhys
OK input hysteresis
0.37
1.1
V
OKsink
OK sink capability (VOK=0.5V)
30
mA
Enable Outputs (EN[3:0])
VEN
EN logic level enabled
High
VEN
EN logic level disabled
Low
VENH
EN output high voltage
IOH = -10 mA
VDD-0.6
V
VENL
EN output low voltage
IOL = 5 mA
0.5
V
______________________________________
1 HRES_N Input - Because the input does not have an internal ESD protection diode connected to VDD, the user needs to add an external diode between the
HRES_N and VDD pins as shown in Figure 3.


Similar Part No. - DM7332G

ManufacturerPart #DatasheetDescription
logo
Vaisala
DM70 VAISALA-DM70 Datasheet
660Kb / 3P
   DM70 Handheld Dew Point Meter For spot-checking applications
logo
List of Unclassifed Man...
DM7093 ETC1-DM7093 Datasheet
70Kb / 2P
   TRI-STATE Hex Buffers
DM7094 ETC1-DM7094 Datasheet
70Kb / 2P
   TRI-STATE Hex Buffers
logo
National Semiconductor ...
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
   Quad 2-Input DATA SELECTORS / MULTIPLEXERS
DM7130 NSC-DM7130 Datasheet
57Kb / 2P
   MAGNITUDE COMPARATORS
More results

Similar Description - DM7332G

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7300G POWER-ONE-ZM7300G_10 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7300G POWER-ONE-ZM7300G Datasheet
914Kb / 32P
   Digital Power Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
   Digital Clock Manager
logo
Linear Technology
LTC2978 LINER-LTC2978_15 Datasheet
898Kb / 80P
   Octal Digital Power Supply Manager with EEPROM
LTC4155 LINER-LTC4155 Datasheet
391Kb / 52P
   Dual-Input Power Manager
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Linear Technology
DC1334A LINER-DC1334A_15 Datasheet
145Kb / 1P
   LTC3576EUFE: Switching Power Manager
logo
Texas Instruments
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Motorola, Inc
MGR1018 MOTOROLA-MGR1018 Datasheet
151Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
MGR2018CT MOTOROLA-MGR2018CT Datasheet
154Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com