Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM-42316 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # RM-42316
Description  Design Guideline for Single-Stage Flyback AC-DC Converter Using FL6961 for LED Lighting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RM-42316 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button RM-42316 Datasheet HTML 3Page - Fairchild Semiconductor RM-42316 Datasheet HTML 4Page - Fairchild Semiconductor RM-42316 Datasheet HTML 5Page - Fairchild Semiconductor RM-42316 Datasheet HTML 6Page - Fairchild Semiconductor RM-42316 Datasheet HTML 7Page - Fairchild Semiconductor RM-42316 Datasheet HTML 8Page - Fairchild Semiconductor RM-42316 Datasheet HTML 9Page - Fairchild Semiconductor RM-42316 Datasheet HTML 10Page - Fairchild Semiconductor RM-42316 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AN-9737
APPLICATION NOTE
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 4/13/11
10
Bill Of Materials (Continued)
Item Number
Part Reference
Value
Quantity
Description (Manufacturer)
33
C101
100nF/250V
1
X – Capacitor
34
C102
47nF/250V
1
X – Capacitor
35
C103
100nF/630V
1
Film Capacitor
36
C104
33µF/35V
1
Electrolytic Capacitor
37
C105
2.2nF/1kV
1
Y-Capacitor
38
C106
2.2µF
1
SMD Capacitor 0805
39
C107
30pF
1
SMD Capacitor 0805
40
C108
100nF
1
SMD Capacitor 0805
41
C201,C202
470µF/35V
2
Electrolytic capacitor
42
C203
1µF
1
SMD Capacitor 0805
43
C204
470nF
1
SMD Capacitor 0805
44
C205
10µF/35V
1
Electrolytic Capacitor
45
LF101,LF102
80mH
2
Line Filter
46
L101
27µH
1
Line Filter
47
L102
6.8µH
1
Line Filter
48
L201
5µH
1
Output Inductor
49
F101
1A/250V
1
Fuse
50
T1
PQ-42016
1
1mH


Similar Part No. - RM-42316

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
RM-4DI2-4AI2 REDLION-RM-4DI2-4AI2 Datasheet
1Mb / 1P
   I/O Modules
RM-4DI2-4DO2 REDLION-RM-4DI2-4DO2 Datasheet
1Mb / 1P
   I/O Modules
More results

Similar Description - RM-42316

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9736 FAIRCHILD-AN-9736 Datasheet
465Kb / 13P
   Design Guideline of AC-DC Converter Using FL6961, FL6300A for 70W LED Lighting
AN-9741 FAIRCHILD-AN-9741 Datasheet
379Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FL103M
AN-9735 FAIRCHILD-AN-9735 Datasheet
481Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FAN103 & FSEZ1317
AN-9738 FAIRCHILD-AN-9738 Datasheet
1Mb / 25P
   Design Guideline on 150W Power Supply for LED Street Lighting Design Using FL7930B and FAN7621S
logo
Infineon Technologies A...
ICL8001G INFINEON-ICL8001G Datasheet
620Kb / 16P
   Single-Stage Flyback And PFC Controller For LED Lighting Applications
Version 1.0, May 6, 2010
logo
Fairchild Semiconductor
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
ON Semiconductor
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
logo
Taiwan Semiconductor Co...
TS19705CX6 TSC-TS19705CX6 Datasheet
244Kb / 8P
   Single Stage Flyback or Buck-Boost Current Control with Active PFC for LED lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com