Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT41GU6MFR8A Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HMT41GU6MFR8A
Description  DDR3L SDRAM Unbuffered DIMMs Based on 4Gb M-Die
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT41GU6MFR8A Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HMT41GU6MFR8A Datasheet HTML 7Page - Hynix Semiconductor HMT41GU6MFR8A Datasheet HTML 8Page - Hynix Semiconductor HMT41GU6MFR8A Datasheet HTML 9Page - Hynix Semiconductor HMT41GU6MFR8A Datasheet HTML 10Page - Hynix Semiconductor HMT41GU6MFR8A Datasheet HTML 11Page - Hynix Semiconductor HMT41GU6MFR8A Datasheet HTML 12Page - Hynix Semiconductor HMT41GU6MFR8A Datasheet HTML 13Page - Hynix Semiconductor HMT41GU6MFR8A Datasheet HTML 14Page - Hynix Semiconductor HMT41GU6MFR8A Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Rev. 1.2 / Jul. 2013
11
Functional Block Diagram
8GB, 1Gx64 Module(2Rank of x8)
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DM
I/O 0
I/O 1
I/O 2
I/O 3
D0
DM0
D8
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQ12
DQ13
DQ14
DQ8
DQ9
DQ10
DQ11
I/O 0
I/O 1
I/O 2
I/O 3
D1
D9
I/O 4
I/O 5
I/O 6
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
DM1
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
I/O 0
I/O 1
I/O 2
I/O 3
D2
D10
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM2
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
DQ26
DQ27
I/O 0
I/O 1
I/O 2
I/O 3
D3
D11
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM3
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
I/O 0
I/O 1
I/O 2
I/O 3
D4
DM4
D12
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
DQ42
DQ43
I/O 0
I/O 1
I/O 2
I/O 3
D5
D13
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM5
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
I/O 0
I/O 1
I/O 2
I/O 3
D6
D14
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
DQ58
DQ59
I/O 0
I/O 1
I/O 2
I/O 3
D7
D15
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM7
A0–A15
A0-A15: SDRAMs D0–D15
A0
Serial PD
A1
SA0
SA1
SDA
RAS
RAS: SDRAMs D0–D15
CAS
CAS: SDRAMs D0–D15
WE
WE: SDRAMs D0–D15
S0
S1
CS
CKE1
CKE: SDRAMs D8–D15
BA0–BA2
BA0–BA2: SDRAMs D0–D15
DQS0
DQS
DQS4
DQS1
DQS5
DQS2
DQS3
DM6
DQS6
DQS7
DQ15
I/O 7
I/O 7
VSS
D0–D15
VDD/VDDQ
D0–D15
D0–D15
VREFDQ
SCL
WP
SPD
VDDSPD
DQS
DM
CS DQS DQS
DM
CS DQS DQS
DM CS DQS DQS
DM CS DQS DQS
DM CS DQS DQS
DM
CS DQS DQS
DM CS DQS DQS
DM CS DQS DQS
DM CS DQS DQS
DM CS DQS DQS
DM CS DQS DQS
DM CS DQS DQS
DM CS DQS DQS
DM CS DQS DQS
DM CS DQS DQS
DQS0
DQS4
DQS1
DQS5
DQS2
DQS6
DQS3
DQS7
ODT0
ODT: SDRAMs D0–D7
ODT1
ODT: SDRAMs D8–D15
CKE0
CKE: SDRAMs D0–D7
CK0
CK: SDRAMs D0–D7
CK0CK: SDRAMs D0–D7
SA2
D0–D15
VREFCA
A2
CK1
CK: SDRAMs D8–D15
CK1CK: SDRAMs D8–D15
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
RESET
RESET: SDRAMs D0-D3
Notes:
1. DQ-to-I/O wiring is shown as recom-
mended but may be changed.
2. DQ/DQS/DQS/ODT/DM/CKE/S relation-
ships must be maintained as shown.
3. DQ,DM,DQS,DQS resistors;Refer to
associated topology diagram.
4. Refer to Section 3.1 of this document for
details on address mirroring.
5. For each DRAM, a unique ZQ resistor is
connected to ground.The ZQ resistor is
240ohm+-1%
6. One SPD exists per module.


Similar Part No. - HMT41GU6MFR8A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT41GU6MFR8C-G7 HYNIX-HMT41GU6MFR8C-G7 Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT41GU6MFR8C-H9 HYNIX-HMT41GU6MFR8C-H9 Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT41GU6MFR8C-PB HYNIX-HMT41GU6MFR8C-PB Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT41GU6MFR8C-RD HYNIX-HMT41GU6MFR8C-RD Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
More results

Similar Description - HMT41GU6MFR8A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT425U6AFR6A HYNIX-HMT425U6AFR6A Datasheet
1Mb / 60P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb A-Die
HMT451U6DFR8A HYNIX-HMT451U6DFR8A Datasheet
802Kb / 57P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb D-Die
HMT451U6BFR8A HYNIX-HMT451U6BFR8A Datasheet
802Kb / 57P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb B-Die
HMT451U6MFR8C HYNIX-HMT451U6MFR8C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT425S6MFR6A HYNIX-HMT425S6MFR6A Datasheet
1Mb / 53P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT41GA7MFR8A HYNIX-HMT41GA7MFR8A Datasheet
672Kb / 48P
   DDR3L SDRAM ECC SO-DIMMs Based on 4Gb M-die
HMT325U7CFR8A HYNIX-HMT325U7CFR8A Datasheet
1,013Kb / 52P
   DDR3L SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325U7EFR8A HYNIX-HMT325U7EFR8A Datasheet
1,012Kb / 52P
   DDR3L SDRAM Unbuffered DIMMs Based on 2Gb E-Die
HMT425S6AFR6A HYNIX-HMT425S6AFR6A Datasheet
1Mb / 56P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT451S6BFR8A HYNIX-HMT451S6BFR8A Datasheet
744Kb / 51P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb B-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com