Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT41GU6MFR8A Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HMT41GU6MFR8A
Description  DDR3L SDRAM Unbuffered DIMMs Based on 4Gb M-Die
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT41GU6MFR8A Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HMT41GU6MFR8A Datasheet HTML 6Page - Hynix Semiconductor HMT41GU6MFR8A Datasheet HTML 7Page - Hynix Semiconductor HMT41GU6MFR8A Datasheet HTML 8Page - Hynix Semiconductor HMT41GU6MFR8A Datasheet HTML 9Page - Hynix Semiconductor HMT41GU6MFR8A Datasheet HTML 10Page - Hynix Semiconductor HMT41GU6MFR8A Datasheet HTML 11Page - Hynix Semiconductor HMT41GU6MFR8A Datasheet HTML 12Page - Hynix Semiconductor HMT41GU6MFR8A Datasheet HTML 13Page - Hynix Semiconductor HMT41GU6MFR8A Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Rev. 1.2 / Jul. 2013
10
Pin Assignments
On DIMM Thermal Sensor
The DDR3L SDRAM DIMM temperature is monitored by integrated thermal sensor. The integrated thermal
sensor comply with JEDEC “TSE2002av, Serial Presence Detect with Temperature Sensor”.
Connection of Thermal Sensor
Temperature-to-Digital Conversion Performance
Parameter
Condition
Min
Typ
Max
Unit
Temperature Sensor Accuracy (Grade B)
Active Range,
75°C < TA < 95°C
-
± 0.5
± 1.0
°C
Monitor Range,
40°C < TA < 125°C
-
± 1.0
± 2.0
°C
-20°C < TA < 125°C
-
± 2.0
± 3.0
°C
Resolution
0.25
°C
EVENT
SCL
SDA
SA0
SA1
SA2
EVENT
SCL
SDA
SA0
SA1
SA2
SPD with
Integrated
TS


Similar Part No. - HMT41GU6MFR8A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT41GU6MFR8C-G7 HYNIX-HMT41GU6MFR8C-G7 Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT41GU6MFR8C-H9 HYNIX-HMT41GU6MFR8C-H9 Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT41GU6MFR8C-PB HYNIX-HMT41GU6MFR8C-PB Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT41GU6MFR8C-RD HYNIX-HMT41GU6MFR8C-RD Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
More results

Similar Description - HMT41GU6MFR8A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT425U6AFR6A HYNIX-HMT425U6AFR6A Datasheet
1Mb / 60P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb A-Die
HMT451U6DFR8A HYNIX-HMT451U6DFR8A Datasheet
802Kb / 57P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb D-Die
HMT451U6BFR8A HYNIX-HMT451U6BFR8A Datasheet
802Kb / 57P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb B-Die
HMT451U6MFR8C HYNIX-HMT451U6MFR8C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT425S6MFR6A HYNIX-HMT425S6MFR6A Datasheet
1Mb / 53P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT41GA7MFR8A HYNIX-HMT41GA7MFR8A Datasheet
672Kb / 48P
   DDR3L SDRAM ECC SO-DIMMs Based on 4Gb M-die
HMT325U7CFR8A HYNIX-HMT325U7CFR8A Datasheet
1,013Kb / 52P
   DDR3L SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325U7EFR8A HYNIX-HMT325U7EFR8A Datasheet
1,012Kb / 52P
   DDR3L SDRAM Unbuffered DIMMs Based on 2Gb E-Die
HMT425S6AFR6A HYNIX-HMT425S6AFR6A Datasheet
1Mb / 56P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT451S6BFR8A HYNIX-HMT451S6BFR8A Datasheet
744Kb / 51P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb B-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com