Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2B9 Datasheet(PDF) 4 Page - Honeywell Accelerometers

Part # 2B9
Description  Pushbutton Switches and Indicators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

2B9 Datasheet(HTML) 4 Page - Honeywell Accelerometers

  2B9 Datasheet HTML 1Page - Honeywell Accelerometers 2B9 Datasheet HTML 2Page - Honeywell Accelerometers 2B9 Datasheet HTML 3Page - Honeywell Accelerometers 2B9 Datasheet HTML 4Page - Honeywell Accelerometers 2B9 Datasheet HTML 5Page - Honeywell Accelerometers 2B9 Datasheet HTML 6Page - Honeywell Accelerometers 2B9 Datasheet HTML 7Page - Honeywell Accelerometers 2B9 Datasheet HTML 8Page - Honeywell Accelerometers 2B9 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Manual Switches
Series 2
Pushbutton Switches and Indicators
108
Honeywell H Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
SWITCH MODULES
Interchangeable type 2D switch modules
attach to spring clips on the bottom of
operator-indicator housings. There is a
wide selection of circuitry, electrical rat-
ings, operating actions and terminations.
For mounting dimensions, see page 115.
ELECTRICAL RATING
Silver contacts:
30 VDC: 5 amps res. sea level or 50,000 ft,
3 amps ind. sea level, 2.5 amps 50,000 ft.
Max. inrush, 24 amps.
UL and CSA rating for basic switch: 5
amps, 125 or 250 VAC.
Gold contacts:
30 VDC: 0.5 amp ind.,1amp res., sea level
and 50,000 ft. Max. inrush, 2 amps.
SM SUBMINIATURE MULTI-SPDT SWITCH MODULES
Momentary action
Alternate action
SM switch modules offer a choice of two
momentary action styles, one with a pro-
nounced touch-feedback, the other with
low operating force for rapid repeat ac-
tuation. Also available with alternate-
action and combination momentary/
alternate action modules. Extra length
turret solder terminals.
SM SWITCH MODULE ORDER GUIDE
Momentary Action
Alternate Action
Touch-Feedback Type
Low Force Type
No. of
SPDT Circuits
Silver Contacts
Silver Contacts
1
2D100
2D118
2
2D2
2D26
4
2D9
2D33
V3 COMPACT SPDT/DPDT SWITCH MODULES
V3 switch modules have screw terminals
with lockwashers. Quick-connect termi-
nals (not shown) are also available. When
used with short-flange operator indica-
tors, add spacing barriers to prevent
interference.
ELECTRICAL RATING
30 VDC: 10 amps ind.* sea level, 6 amps
ind.,* 50,000 ft. Motor load, 6 amps.** UL
and CSA rating for basic switch: 10 amps,
1
3 Hp, 125 or 250 VAC; 12 amp, 125 VDC;
1
4 amp, 250 VDC.
* Inductive currents in accordance with AN3179.
** Motor load rating based on starting current.
V3 SWITCH MODULE ORDER GUIDE
No. of SPDT
Circuits
Momentary Action
1
2D70
2
2D72


Similar Part No. - 2B9

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
2B9 HONEYWELL-2B9 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
logo
Panasonic Semiconductor
2B940A PANASONIC-2B940A Datasheet
46Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2B940A PANASONIC-2B940A Datasheet
46Kb / 2P
   Silicon PNP epitaxial planar type
More results

Similar Description - 2B9

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
2C207 HONEYWELL-2C207 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
AML51 HONEYWELL-AML51 Datasheet
650Kb / 5P
   Manual Switches Buttons Lens for Switches and Indicators
logo
Honeywell Accelerometer...
AML51-R10B HONEYWELL-ACC-AML51-R10B Datasheet
650Kb / 5P
   Buttons/Lens for Switches and Indicators
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com