Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C500-ID218CN Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # C500-ID218CN
Description  Screw Terminal Block Cables
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

C500-ID218CN Datasheet(HTML) 5 Page - Omron Electronics LLC

  C500-ID218CN Datasheet HTML 1Page - Omron Electronics LLC C500-ID218CN Datasheet HTML 2Page - Omron Electronics LLC C500-ID218CN Datasheet HTML 3Page - Omron Electronics LLC C500-ID218CN Datasheet HTML 4Page - Omron Electronics LLC C500-ID218CN Datasheet HTML 5Page - Omron Electronics LLC C500-ID218CN Datasheet HTML 6Page - Omron Electronics LLC C500-ID218CN Datasheet HTML 7Page - Omron Electronics LLC C500-ID218CN Datasheet HTML 8Page - Omron Electronics LLC C500-ID218CN Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
XW2Z
XW2Z
5
3 XW2Z-PPPD FOR 32-POINT AND 64-POINT PLC I/O MODULES (CONNECTOR TYPE)
Cable length for A and B
Line
A
Line
B
Yellow
Black
A
B
250 (9.84)
500 (19.68)
XW2Z-
P00D
Part number
Cable length A
Cable length B
XW2Z-100D
1 m (3.28 ft)
0.75 m (2.46 ft)
XW2Z-150D
1.5 m (4.92 ft)
1.25 m (4.10 ft)
XW2Z-200D
2 m (6.56 ft)
1.75 m (5.74 ft)
XW2Z-300D
3 m (9.84 ft)
2.75 m (9.02 ft)
XW2Z-500D
5 m (16.40 ft)
4.75 m (15.58 ft)
Note: 1. CN2 (black cable side) is wired to line A of CN1 and
CN3 (yellow cable side) is wired to line B of CN1.
2. The G79-
PC Cable for the G7TC Terminal Block can-
not be used for the XW2C due to a difference in wiring.
FCN-367J024-AU/F
CN1 (mated side)
XG4M-2030
CN3 (mated side)
Triangle mark
XG4M-2030
CN2 (mated side)
Triangle mark
Wiring Diagram
Combinations of Omron PLC I/O Modules and Screw Terminal Blocks
PLC I/O module
I/O points
Terminal block
Dedicated cable
CQM1-ID213
C200H-ID216
32 points
Two XW2C-20GS-IN16 input blocks
One XW2Z-
PPPD cable
C200H-ID217
C500-ID114
64 points
Four XW2C-20GS-IN16 input blocks
Two XW2Z-
PPPD cables
C500-ID114
3G2A5-ID219


Similar Part No. - C500-ID218CN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
C500-BAT08 OMRON-C500-BAT08 Datasheet
984Kb / 5P
   Programmable Terminals
C500-RM201 OMRON-C500-RM201 Datasheet
1Mb / 182P
   Programmable Controllers
C500-RT201 OMRON-C500-RT201 Datasheet
1Mb / 182P
   Programmable Controllers
C500-SF312-EV3 OMRON-C500-SF312-EV3 Datasheet
2Mb / 158P
   CQM1 Programmable Controllers
C500-SF711-EV3 OMRON-C500-SF711-EV3 Datasheet
2Mb / 158P
   CQM1 Programmable Controllers
More results

Similar Description - C500-ID218CN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG2Z OMRON-XG2Z Datasheet
380Kb / 13P
   Screw Terminal Block Cables
logo
Advantech Co., Ltd.
PCLD-780 ADVANTECH-PCLD-780 Datasheet
566Kb / 1P
   Screw Terminal Board with Flat Cables
logo
METZ CONNECT GmbH
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
311071XX METZ-311071XX Datasheet
314Kb / 5P
   screw type terminal block, pluggable
310151XX METZ-310151XX Datasheet
258Kb / 5P
   screw type terminal block, solderable
310611XX METZ-310611XX Datasheet
254Kb / 5P
   screw type terminal block, solderable
311011XX METZ-311011XX Datasheet
250Kb / 5P
   screw type terminal block, solderable
310071XX METZ-310071XX Datasheet
336Kb / 5P
   screw type terminal block, pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com