Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6VLX130T Datasheet(PDF) 3 Page - IXYS Corporation

Part # XC6VLX130T
Description  Virtex-6 Family Overview
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

XC6VLX130T Datasheet(HTML) 3 Page - IXYS Corporation

  XC6VLX130T Datasheet HTML 1Page - IXYS Corporation XC6VLX130T Datasheet HTML 2Page - IXYS Corporation XC6VLX130T Datasheet HTML 3Page - IXYS Corporation XC6VLX130T Datasheet HTML 4Page - IXYS Corporation XC6VLX130T Datasheet HTML 5Page - IXYS Corporation XC6VLX130T Datasheet HTML 6Page - IXYS Corporation XC6VLX130T Datasheet HTML 7Page - IXYS Corporation XC6VLX130T Datasheet HTML 8Page - IXYS Corporation XC6VLX130T Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Virtex-6 Family Overview
DS150 (v2.4) January 19, 2012
www.xilinx.com
Product Specification
3
Virtex-6 FPGA Device-Package Combinations and Maximum I/Os
Virtex-6 LXT and SXT FPGA package combinations with the maximum available I/Os per package are shown in Table 2.
Virtex-6 HXT FPGA package combinations with the maximum available I/Os per package are shown in Table 3.
Table 2: Virtex-6 LXT and SXT FPGA Device-Package Combinations and Maximum Available I/Os
Package
FF484
FFG484
FF784
FFG784
FF1156
FFG1156
FF1759
FFG1759
FF1760
FFG1760
Size (mm)
23 x 23
29 x 29
35 x 35
42.5 x 42.5
42.5 x 42.5
Device
GTXs
I/O
GTXs
I/O
GTXs
I/O
GTXs
I/O
GTXs
I/O
XC6VLX75T
8
240
12
360
XC6VLX130T
8
240
12
400
20
600
XC6VLX195T
12
400
20
600
XC6VLX240T
12
400
20
600
24
720
XC6VLX365T
20
600
24
720
XC6VLX550T
36
840
0
1200
XC6VLX760
0
1200
XC6VSX315T
20
600
24
720
XC6VSX475T
20
600
36
840
Notes:
1.
Flip-chip packages are also available in Pb-Free versions (FFG).
Table 3: Virtex-6 HXT FPGA Device-Package Combinations and Maximum Available I/Os
Package
FF1154
FFG1154
FF1155
FFG1155
FF1923
FFG1923
FF1924
FFG1924
Size (mm)
35x35
35 x 35
45 x 45
45x45
Device
GTXs
GTHs
I/O
GTXs
GTHs
I/O
GTXs
GTHs
I/O
GTXs
GTHs
I/O
XC6VHX250T
48
0
320
XC6VHX255T
24
12
440
24
24
480
XC6VHX380T
48
0
320
24
12
440
40
24
720
48
24
640
XC6VHX565T
40
24
720
48
24
640
Notes:
1.
Flip-chip packages are also available in Pb-Free versions (FFG).


Similar Part No. - XC6VLX130T

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101 TOREX-XC6101 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016EL TOREX-XC610101A016EL Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ER TOREX-XC610101A016ER Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ML TOREX-XC610101A016ML Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
More results

Similar Description - XC6VLX130T

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XC6VLX75 XILINX-XC6VLX75_11 Datasheet
379Kb / 11P
   Virtex-6 Family Overview
XC6VLX75T XILINX-XC6VLX75T Datasheet
390Kb / 11P
   Virtex-6 Family Overview
XC5VFX130T-2FF1738I XILINX-XC5VFX130T-2FF1738I Datasheet
322Kb / 13P
   Virtex-5 Family Overview
XC4VFX60-10FF1152I XILINX-XC4VFX60-10FF1152I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
VIRTEX-5 XILINX-VIRTEX-5 Datasheet
698Kb / 72P
   Virtex-5 Family Overview
XC4VFX100-11FFG1152I XILINX-XC4VFX100-11FFG1152I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
XC5VLX155-1FFG1153I XILINX-XC5VLX155-1FFG1153I Datasheet
322Kb / 13P
   Virtex-5 Family Overview
DS174 XILINX-DS174 Datasheet
412Kb / 13P
   Virtex-5Q Family Overview
XC4VFX20-11FFG672I XILINX-XC4VFX20-11FFG672I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
XC4VLX25-10SF363I XILINX-XC4VLX25-10SF363I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com